Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9780 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9780
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9780 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9780 Datasheet HTML 8Page - Analog Devices AD9780 Datasheet HTML 9Page - Analog Devices AD9780 Datasheet HTML 10Page - Analog Devices AD9780 Datasheet HTML 11Page - Analog Devices AD9780 Datasheet HTML 12Page - Analog Devices AD9780 Datasheet HTML 13Page - Analog Devices AD9780 Datasheet HTML 14Page - Analog Devices AD9780 Datasheet HTML 15Page - Analog Devices AD9780 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 12 of 36
fOUT (MHz)
40
45
50
55
60
65
70
75
80
85
90
95
100
0
30
60
90
120
150
180
210
240
–3dBFS
0dBFS
–6dBFS
Figure 23. AD9783 IMD vs. fOUT Over Digital Input Level, TA = 25°C, at
500 MSPS, FS = 20 mA
fOUT (MHz)
40
45
50
55
60
65
70
75
80
85
90
95
100
0
30
60
90
120
150
180
210
240
+25°C
–40°C
+85°C
Figure 24. AD9783 IMD vs. fOUT Over Temperature, at 500 MSPS, FS = 20 mA
–140
–170
–167
–164
–161
–158
–155
–152
–149
–146
–143
0
50
100
150
200
250
300
350
400
450
500
fOUT (MHz)
500MSPS
400MSPS
250MSPS
Figure 25. AD9783 One-Tone NSD vs. fOUT Over fDAC Baseband and Mix Modes,
FS = 20 mA
–140
–170
–167
–164
–161
–158
–155
–152
–149
–146
–143
0
50
100
150
200
250
300
350
400
450
500
fOUT (MHz)
500MSPS
400MSPS
250MSPS
Figure 26. AD9783 Eight-Tone NSD vs. fOUT Over fDAC Baseband and
Mix Modes, FS = 20 mA
–140
–170
–167
–164
–161
–158
–155
–152
–149
–146
–143
025
50
75
100
125
150
175
200
225
250
fOUT (MHz)
+25°C
–40°C
+85°C
Figure 27. AD9783 One-Tone NSD vs. fOUT Over Temperature, at 500 MSPS,
FS = 20 mA
–140
–170
–167
–164
–161
–158
–155
–152
–149
–146
–143
025
50
75
100
125
150
175
200
225
250
fOUT (MHz)
+25°C
–40°C
+85°C
Figure 28. AD9783 Eight-Tone NSD vs. fOUT Over Temperature, at 500 MSPS,
FS = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com