Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4872 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4872
Description  RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4872 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4872 Datasheet HTML 21Page - STMicroelectronics TS4872 Datasheet HTML 22Page - STMicroelectronics TS4872 Datasheet HTML 23Page - STMicroelectronics TS4872 Datasheet HTML 24Page - STMicroelectronics TS4872 Datasheet HTML 25Page - STMicroelectronics TS4872 Datasheet HTML 26Page - STMicroelectronics TS4872 Datasheet HTML 27Page - STMicroelectronics TS4872 Datasheet HTML 28Page - STMicroelectronics TS4872 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
TS4872
26/29
Fig. 84 : PSRR changes with Cb
s Note on PSRR measurement
What is the PSRR ?
The PSRR is the Power Supply Rejection Ratio.
It’s a kind of SVR in a determined frequency
range. The PSRR of a device, is the ratio between
a power supply disturbance and the result on the
output.
We can say that the PSRR is the ability of a device
to
minimize
the
impact
of
power
supply
disturbances to the output.
How we measure the PSRR ?
For PSRR measurement schematic see figure 85
Fig. 85 : PSRR measurement schematic
s Principle of operation
• We fixed the DC voltage supply (Vcc)
• We fixed the AC sinusoidal ripple voltage
(Vripple)
• No bypass capacitor Cs is used
The PSRR value for each frequency is :
Remark : The measure of the Rms voltage is not a
Rms selective measure but a full range (2 Hz to
125 kHz) Rms measure. It means that we
measure the effective Rms signal + the noise.
10
100
1000
10000
100000
-70
-60
-50
-40
-30
Cin=100nF
Cb=100
µF
Cin=100nF
Cb=1
µF
Vcc = 5 & 2.6V
Rfeed = 22k, Rin = 22k
Rg = 100
Ω, RL = 8Ω
Tamb = 25
°C
Frequency (Hz)
Vripple
Vcc
Rin
Cin
Rg
100 Ohms
Cb
Rfeed
1
7
3
5
8
4
Vin-
Vin+
-
+
-
+
Bypass
Standby
Bias
6
Vout1
Vout2
Av=-1
TS4872
Vs-
Vs+
RL
2
PSRR d B
() = 20 x Log
10
Rm s Vrippl e
()
Rm s Vs + - Vs-
()
---------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com