Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE209 Datasheet(PDF) 7 Page - Analog Devices

Part # ADATE209
Description  4.0 Gbps Dual Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE209 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADATE209 Datasheet HTML 3Page - Analog Devices ADATE209 Datasheet HTML 4Page - Analog Devices ADATE209 Datasheet HTML 5Page - Analog Devices ADATE209 Datasheet HTML 6Page - Analog Devices ADATE209 Datasheet HTML 7Page - Analog Devices ADATE209 Datasheet HTML 8Page - Analog Devices ADATE209 Datasheet HTML 9Page - Analog Devices ADATE209 Datasheet HTML 10Page - Analog Devices ADATE209 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADATE209
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
B
C
1
2345
67
D
E
F
G
GND
VEE
DROUT2
GND
DROUT1
VEE
GND
TERM2
VCC
VEE
GND
VEE
VCC
TERM1
TERM2B
TERM2T
VCC
GND
VCC
TERM1T
TERM1B
GND
GND
DA1T
DA1
GND
VH1
GND
DA1B
VCCTHERM
VL1
DB1T
DB1
VT1
CLC1EN
DB1B
DA2
DA2T
GND
DA2B
GND
VH2
DB2
DB2T
VL2
DB2B
CLC2EN
VT2
THERM
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
GND
Ground.
A2
VEE
Negative Power Supply, −4.5 V.
A3
DROUT2
Driver Output, Channel 2.
A4
GND
Ground.
A5
DROUT1
Driver Output, Channel 1.
A6
VEE
Negative Power Supply, −4.5 V.
A7
GND
Ground.
B1
TERM2
Termination Mode Data Input. Noninverting input for Channel 2.
B2
VCC
Positive Power Supply, 7.0 V.
B3
VEE
Negative Power Supply, −4.5 V.
B4
GND
Ground.
B5
VEE
Negative Power Supply, − 4.5 V.
B6
VCC
Positive Power Supply, 7.0 V.
B7
TERM1
Termination Mode Data Input. Noninverting input for Channel 1.
C1
TERM2B
Termination Mode Data Input. Inverting input for Channel 2.
C2
TERM2T
Termination Pin for Termination Mode Data Input, Channel 2.
C3
VCC
Positive Power Supply, 7.0 V.
C4
GND
Ground.
C5
VCC
Positive Power Supply, 7.0 V.
C6
TERM1T
Termination Pin for Termination Mode Data Input, Channel 1.
C7
TERM1B
Termination Mode Data Input. Inverting input for Channel 1.
D1
DA2
Data Input A. Noninverting input for Channel 2.
D2
DA2T
Termination for Data Input A, Channel 2.
D3
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com