Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4890 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4890
Description  RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4890 Datasheet HTML 22Page - STMicroelectronics TS4890 Datasheet HTML 23Page - STMicroelectronics TS4890 Datasheet HTML 24Page - STMicroelectronics TS4890 Datasheet HTML 25Page - STMicroelectronics TS4890 Datasheet HTML 26Page - STMicroelectronics TS4890 Datasheet HTML 27Page - STMicroelectronics TS4890 Datasheet HTML 28Page - STMicroelectronics TS4890 Datasheet HTML 29Page - STMicroelectronics TS4890 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
TS4890
26/32
s Power amplifier design examples
Given :
• Load impedance : 8
• Output power @ 1% THD+N : 0.5W
• Input impedance : 10k
Ω min.
• Input voltage peak to peak : 1Vpp
• Bandwidth frequency : 20Hz to 20kHz (0, -3dB)
• THD+N in 20Hz to 20kHz < 0.5% @Pout=0.45W
• Ambient temperature max = 50°C
• SO8 package
First of all, we must calculate the minimum power
supply voltage to obtain 0.5W into 8
Ω. See curves
in fig. 15, we can read 3.5V. Thus, the power
supply voltage value min. will be 3.5V.
Following
the
maximum
power
dissipation
equation :
with 3.5V we have Pdissmax=0.31W.
Refer to power derating curves (fig. 24), with
0.31W the maximum ambient temperature will be
100°C. This last value could be higher if you follow
the example layout shows on the demoboard
(better dissipation).
The gain of the amplifier in flat region will be :
We have Rin > 10k
Ω. Let's take Rin = 10kΩ, then
Rfeed = 28.25k
Ω. We could use for Rfeed = 30kΩ
in normalized value and the gain will be Gv = 6.
In lower frequency we want 20 Hz (-3dB cut off
frequency). Then
So, we could use for Cin a 1µF capacitor value that
gives 16Hz.
In Higher frequency we want 20kHz (-3dB cut off
frequency). The Gain Bandwidth Product of the
TS4890 is 2MHz typical and doesn't change when
the amplifier delivers power into the load.
The first amplifier has a gain of
and the theoretical value of the -3dB cut of higher
frequency is 2MHz/3 = 660kHz.
We can keep this value or limiting the bandwidth
by adding a capacitor Cfeed, in parallel on Rfeed.
Then
So, we could use for Cfeed a 220pF capacitor
value that gives 24kHz.
Now, we can choose the value of Cb with the
constraint THD+N in 20Hz to 20kHz < 0.5% @
Pout=0.45W. If you refer to the closest THD+N vs
frequency measurement : fig. 71 (Vcc=3.3V,
Gv=10), with Cb = 1µF, the THD+N vs frequency
is always below 0.4%. As the behaviour is the
same with Vcc = 5V (fig. 67), Vcc = 2.6V (fig. 67).
As the gain for these measurements is higher
(worst case), we can consider with Cb = 1µF, Vcc
= 3.5V and Gv = 6, that the THD+N in 20Hz to
20kHz range with Pout = 0.45W will be lower than
0.4%.
In the following tables, you could find three
another examples with values required for the
demoboard.
Remark : components with (*) marking are
optional.
Application n°1 : 20Hz to 20kHz bandwidth and
6dB gain BTL power amplifier.
Components :
)
W
(
R
Vcc
2
max
Pdiss
L
2
2
π
=
65
.
5
V
P
R
2
2
V
V
G
INPP
OUT
L
INPP
OUTPP
V
=
=
=
nF
795
F
Rin
2
1
C
CL
IN
=
π
=
Designator
Part Type
R1
22k / 0.125W
R4
22k / 0.125W
R6
Short Cicuit
R7*
(Vcc-Vf_led)/If_led
R8
10k / 0.125W
C5
470nF
C6
100µF
3
Rin
Rfeed =
pF
265
F
R
2
1
C
CH
FEED
FEED
=
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com