Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE304BBCZ Datasheet(PDF) 46 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 42Page - Analog Devices ADATE304BBCZ Datasheet HTML 43Page - Analog Devices ADATE304BBCZ Datasheet HTML 44Page - Analog Devices ADATE304BBCZ Datasheet HTML 45Page - Analog Devices ADATE304BBCZ Datasheet HTML 46Page - Analog Devices ADATE304BBCZ Datasheet HTML 47Page - Analog Devices ADATE304BBCZ Datasheet HTML 48Page - Analog Devices ADATE304BBCZ Datasheet HTML 49Page - Analog Devices ADATE304BBCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
ADATE304
Rev. 0 | Page 46 of 52
Transition from PMU Force Current Mode to PMU Force
Voltage Mode
Step 1. Table 46 lists the state of the registers in force current mode.
Table 46.
Register
Bits
Setting
PE/PMU Enable Register, ADDR[4:0] = 0x0C
DATA[2]
1
PMU State Register, ADDR[4:0] = 0x0E
DATA[9:8]
XX
DATA[7]
X
DATA[6]
X
DATA[5]
X
DATA[4]
X
DATA[3]
1
DATA[2:0]
XXX
Step 2. Write to Register ADDR[4:0] = 0x0E (see Table 47).
Table 47.
Register
Bits
Setting
Comments
PMU State Register,
ADDR[4:0] = 0x0E
DATA[9:8]
00
Set DUTGND input
selection
DATA[7]
X
DATA[6]
X
DATA[5]
X
DATA[4]
X
DATA[3]
0
Set to force
voltage mode
DATA[2:0]
XXX
Set to the desired
current range
Step 3. Write to Register ADDR[4:0] = 0x0B (see Table 48).
Table 48.
Register
Bits
Setting
Comments
VIN 16-Bit DAC,
ADDR[4:0] = 0x0B
DATA[15:0]
X
Update the VIN
16-Bit DAC
register to the
desired value
Step 4. Write to Register ADDR[4:0] = 0x0E (see Table 49).
Table 49.
Register
Bits
Setting
Comments
PMU State Register,
ADDR[4:0] = 0x0E
DATA[9:8]
1X
Set VIN input
selection
DATA[7]
X
DATA[6]
X
DATA[5]
X
DATA[4]
X
DATA[3]
0
Force voltage
mode
DATA[2:0]
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com