Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE5166 Datasheet(PDF) 85 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADE5166_08 Datasheet HTML 81Page - Analog Devices ADE5166_08 Datasheet HTML 82Page - Analog Devices ADE5166_08 Datasheet HTML 83Page - Analog Devices ADE5166_08 Datasheet HTML 84Page - Analog Devices ADE5166_08 Datasheet HTML 85Page - Analog Devices ADE5166_08 Datasheet HTML 86Page - Analog Devices ADE5166_08 Datasheet HTML 87Page - Analog Devices ADE5166_08 Datasheet HTML 88Page - Analog Devices ADE5166_08 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 85 of 148
INTERRUPT SYSTEM
The unique power management architecture of the ADE5166/
ADE5169 includes an operating mode (PSM2) where the 8052
MCU core is shut down. Events can be configured to wake the
8052 MCU core from the PSM2 operating mode. A distinction
is drawn here between events that can trigger the wake-up of
the 8052 MCU core and events that can trigger an interrupt
when the MCU core is active. Events that can wake the core are
referred to as wake-up events, whereas events that can interrupt
the program flow when the MCU is active are called interrupts.
See the 3.3 V Peripherals and Wake-Up Events section to learn
more about events that can wake the 8052 core from PSM2 mode.
The ADE5166/ADE5169 provide 12 interrupt sources with three
priority levels. The power management interrupt is at the highest
priority level. The other two priority levels are configurable
through the interrupt priority SFR (IP, Address 0xB8) and
interrupt enable and Priority 2 SFR (IEIP2, Address 0xA9).
STANDARD 8052 INTERRUPT ARCHITECTURE
The 8052 standard interrupt architecture includes two tiers of
interrupts, where some interrupts are assigned a high priority
and others are assigned a low priority.
PRIORITY 1
PRIORITY 0
HIGH
LOW
Figure 82. Standard 8052 Interrupt Priority Levels
A Priority 1 interrupt can interrupt the service routine of a
Priority 0 interrupt, and if two interrupts of different priorities
occur at the same time, the Priority 1 interrupt is serviced first.
An interrupt cannot be interrupted by another interrupt of the
same priority level. If two interrupts of the same priority level
occur simultaneously, a polling sequence is observed (see the
Interrupt Priority section).
INTERRUPT ARCHITECTURE
The ADE5166/ADE5169 possess advanced power supply man-
agement features. To ensure a fast response to time-critical
power supply issues, such as a loss of line power, the power
supply management interrupt should be able to interrupt any
interrupt service routine. To enable the user to have full use of
the standard 8052 interrupt priority levels, an additional priority
level is added for the power supply management (PSM) interrupt.
The PSM interrupt is the only interrupt at this highest interrupt
priority level.
HIGH
LOW
PRIORITY 1
PRIORITY 0
PSM
Figure 83. Interrupt Architecture
See the Power Supply Management (PSM) Interrupt section for
more information on the PSM interrupt.
INTERRUPT REGISTERS
The control and configuration of the interrupt system are carried
out through four interrupt-related SFRs, discussed in this section.
Table 79. Interrupt SFRs
SFR
Address
Default
Bit Addressable
Description
IE
0xA8
0x00
Yes
Interrupt enable (see Table 80).
IP
0xB8
0x00
Yes
Interrupt priority (see Table 81).
IEIP2
0xA9
0xA0
No
Interrupt enable and Priority 2 (see Table 82).
WDCON
0xC0
0x10
Yes
Watchdog timer (see Table 87 and the Writing to the Watchdog Timer SFR
(WDCON, Address 0xC0) section).
Table 80. Interrupt Enable SFR (IE, Address 0xA8)
Bit
Bit Address
Mnemonic
Description
7
0xAF
EA
Enables all interrupt sources. Set by the user. Cleared by the user to disable all interrupt sources.
6
0xAE
ETEMP
Enables the temperature ADC interrupt. Set by the user.
5
0xAD
ET2
Enables the Timer 2 interrupt. Set by the user.
4
0xAC
ES
Enables the UART serial port interrupt. Set by the user.
3
0xAB
ET1
Enables the Timer 1 interrupt. Set by the user.
2
0xAA
EX1
Enables the External Interrupt 1 (INT1). Set by the user.
1
0xA9
ET0
Enables the Timer 0 interrupt. Set by the user.
0
0xA8
EX0
Enables External Interrupt 0 (INT0). Set by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com