Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE5169 Datasheet(PDF) 52 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 48Page - Analog Devices ADE5169 Datasheet HTML 49Page - Analog Devices ADE5169 Datasheet HTML 50Page - Analog Devices ADE5169 Datasheet HTML 51Page - Analog Devices ADE5169 Datasheet HTML 52Page - Analog Devices ADE5169 Datasheet HTML 53Page - Analog Devices ADE5169 Datasheet HTML 54Page - Analog Devices ADE5169 Datasheet HTML 55Page - Analog Devices ADE5169 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 148 page
background image
ADE5166/ADE5169
Current Channel RMS Calculation
Each ADE5166/ADE5169 simultaneously calculates the rms values
for the current and voltage channels in different registers. Figure 57
shows the detail of the signal processing chain for the rms calcula-
tion on the current channel. The current channel rms value is
processed from the samples used in the current channel waveform
sampling mode and is stored in an unsigned 24-bit register (Irms).
One LSB of the current channel rms register is equivalent to 1 LSB
of a current channel waveform sample.
Rev. 0 | Page 52 of 148
The update rate of the current channel rms measurement is
4.096 MHz/5. To minimize noise in the reading of the register, the
Irms register can also be configured to update only with the zero
crossing of the voltage input. This configuration is done by setting
the ZXRMS bit (Bit 2) in the MODE2 register (Address 0x0C).
With the different specified full-scale analog input values, the ADC
produces an output code that is approximately ±0d2,684,354 (see
the Current Channel ADC section). Similarly, the equivalent rms
value of a full-scale ac signal is 0d1,898,124 (0x1CF68C). The cur-
rent rms measurement provided in the ADE5166/ ADE5169 is
accurate to within 0.5% for signal inputs between full scale and
full scale/500. The conversion from the register value to amps
must be done externally in the microprocessor using an amps/LSB
constant.
Current Channel RMS Offset Compensation
The ADE5166/ADE5169 incorporate a current channel rms offset
compensation register (IRMSOS). This is a 12-bit signed register
that can be used to remove offset in the current channel rms
calculation. An offset can exist in the rms calculation due to
input noises that are integrated into the dc component of V2(t).
One LSB of the current channel rms offset is equivalent to
16,384 LSBs of the square of the current channel rms register.
Assuming that the maximum value from the current channel
rms calculation is 0d1,898,124 with full-scale ac inputs, then
1 LSB of the current channel rms offset represents 0.23% of
measurement error at −60 dB down from full scale.
768
,
32
2
×
+
=
IRMSOS
I
I
0
rms
rms
Irms(t)
(4)
where Irms0 is the rms measurement without offset correction.
60Hz
0xD487B0
0x00
+
IRMSOS[11:0]
Irms[23:0]
226
225
sgn
227
217 216
218
MODE1[5]
dt
HPF
24
24
HPF
IBGAIN
IPA
IPB
0x2B7850
0x000000
CURRENT CHANNEL
WAVEFORM
DATA RANGE WITH
INTEGRATOR ON (60Hz)
DIGITAL
INTEGRATOR*
CURRENT CHANNEL
WAVEFORM
DATA RANGE WITH
INTEGRATOR OFF
0xD70A3E
0x000000
0x28F5C2
HPF1
LPF3
NOTES:
1. WHEN DIGITAL INTEGRATOR IS ENABLED, FULL-SCALE OUTPUT DATA IS ATTENUATED DEPENDING ON THE SIGNAL
FREQUENCY BECAUSE THE INTEGRATOR HAS A –20dB/DECADE FREQUENCY RESPONSE. WHEN DISABLED, THE
OUTPUT IS NOT FURTHER ATTENUATED.
Figure 57. Current Channel RMS Signal Processing with PGA1 = 2, 4, 8, or 16
VOLTAGE SIGNAL (V(t))
LPF3
LPF1
VOLTAGE CHANNEL
0x28F5C2
VRMSOS[11:0]
+
+
0x28F5
0x0
0xD70B
216
sgn
215
27 26
28
Vrmsx(t)
0x00
Vrmsx[23:0]
|X|
Figure 58. Voltage Channel RMS Signal Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com