Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33910G5AC/R2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC33910G5AC/R2
Description  LIN System Basis Chip with High Side Drivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33910G5AC/R2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC33910G5AC/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC33910G5AC/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33910G5AC/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33910G5AC/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33910G5AC/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33910G5AC/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC33910G5AC/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC33910G5AC/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33910G5AC/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33910
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 9. LIN Receiver Timing
Figure 10. LIN Wake-Up Sleep Mode Timing
Figure 11. LIN Wake-up Stop Mode Timing
VBUSREC
VBUSDOM
VSUP
LIN BUS SIGNAL
tREC_PDR
tREC_PDF
RXD
VLIN_REC
0.4% VSUP
0.6% VSUP
DOMINANT LEVEL
5.0 V
VLIN_REC
LIN
VDD
tPROPWL
tWAKE_SLEEP
3.0 V
VBUSWU
tPROPWL
tWAKE_STOP
IRQ
VBUSWU
DOMINANT LEVEL
5.0 V
VLIN_REC
LIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com