Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2144-EP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2144-EP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2144-EP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLE2144-EP Datasheet HTML 12Page - Texas Instruments TLE2144-EP Datasheet HTML 13Page - Texas Instruments TLE2144-EP Datasheet HTML 14Page - Texas Instruments TLE2144-EP Datasheet HTML 15Page - Texas Instruments TLE2144-EP Datasheet HTML 16Page - Texas Instruments TLE2144-EP Datasheet HTML 17Page - Texas Instruments TLE2144-EP Datasheet HTML 18Page - Texas Instruments TLE2144-EP Datasheet HTML 19Page - Texas Instruments TLE2144-EP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
34830
TYPICAL APPLICATIONS
BILL OF MATERIAL
Figure 27. 34830 Evaluation Board Schematic
BILL OF MATERIAL
Table 5. 34830 Bill of Material
Item
Qty
Part Description
Value/Rating
Part Number/Manufacturer
Install
C1, C3
2
Capacitor
220
μF, 10V
UVZ1A221MED, Nichicon, radial,
electrolytic
Y
C2
1
Capacitor
.1
μF, 25V
0603, ceramic, 03CER
Y
C4
1
Capacitor
.1
μF, 6.3V
0204, ceramic, Murata,
LLL153C80J104ME01B
Y
C6
1
Capacitor
10
μF, 25V
1206, ceramic
C7
1
Capacitor
100pF, 50V
0603, metal film chip
Y
X1-2
2
FIDICUAL_40
N
JP1-3, JP5-6, JP8-9, JP12,
3.0V, 5.5V
10
1x2 Male header strip
HDR1X2, .1 Pitch straight for .062 BD.
Y
D1
1
LED
HSMx-c670 HP 0805
N
U1
1
MC34830
MC34830
Y
R1
1
Resistor
1.0k
Ω, 1/10W, 1%
0603, metal flip chip
Y
R2
1
Resistor
180
Ω, 1/10W, 1%
0603, metal flip chip
N
R3, R6 - R9
5
Resistor
75
Ω, 1/10W, 1%
0603, metal flip chip, Speer Electronics
Y
R4
1
Resistor
10k
Ω, 1/10W, 1%
0603, metal flip chip
Y
R5
1
Potentiometer
150k
Ω
Bourns 3299Y-1-154L, trrimpot, 25 turn
Y
R10
1
Resistor
49.9k
Ω, 1/10W, 1%
Speer Electronics, 0603, metal flip chip
Y
R11
1
Resistor
100k
Ω, 1/10W, 1%
0603, metal flip chip
Y
R12
1
Resistor
4.7
Ω, 1/0W, 1%
0603, metal flip chip
Y
NOPOP
1
Resistor
49.9
Ω, 1/10W, 1%
0603, metal flip chip, TTI
CRCW060349R9FT
N
Input, Output 1-2
3
SMA Jack
SMA-PCB_EDGE_E
Johnson, 142-0711-826, Edge Mount
Y
VCC
IN
GND
EN
OUT
RFREQ
34830
C1
C2
C3
C4
R1
R3
R4
R5
R6
R7
R8
R9
R10
R11
NOPOP
VCC
EN
Output1
Output2
Input
VCC
1
2
3
4
5
6
1
2
3
JP1
JP2
JP3
JP5
JP6
JP8
JP9
JP12
75
10k
.1
μF
.1
μF
49.9k
100k
3V
5.5V
150k
1k
75
220
μF
75
75
220
μF
75
R2
180
D1
C6
10
μF
C7
100pF
12
3
VCC
GND
X1-2
49.9
R12
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com