Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7181CBSTZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7181CBSTZ
Description  10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7181CBSTZ Datasheet HTML 5Page - Analog Devices ADV7181CBSTZ Datasheet HTML 6Page - Analog Devices ADV7181CBSTZ Datasheet HTML 7Page - Analog Devices ADV7181CBSTZ Datasheet HTML 8Page - Analog Devices ADV7181CBSTZ Datasheet HTML 9Page - Analog Devices ADV7181CBSTZ Datasheet HTML 10Page - Analog Devices ADV7181CBSTZ Datasheet HTML 11Page - Analog Devices ADV7181CBSTZ Datasheet HTML 12Page - Analog Devices ADV7181CBSTZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADV7181C
Rev. 0 | Page 9 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
47
AIN4
46
AIN3
45
NC
42
CML
43
AGND
44
CAPC2
48
AIN5
41
REFOUT
40
AVDD
39
CAPY2
37
AGND
36
AIN2
35
AIN1
34
FB
33
NC
38
CAPY1
2
HS/CS
3
DGND
4
DVDDIO
7
P13
6
P14
5
P15
1
INT
8
P12
9
SFL/SYNC_OUT
10
DGND
12
P11
13
P10
14
P9
15
P8
16
P7
11
DVDDIO
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
PIN 1
ADV7181C
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. THE LFCSP_VQ HAS AN EXPOSED PADDLE THAT MUST BE CONNECTED TO GND.
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
3, 10, 24, 57
DGND
G
Digital Ground.
32, 37, 43
AGND
G
Analog Ground.
4, 11
DVDDIO
P
Digital I/O Supply Voltage (3.3 V).
23, 58
DVDD
P
Digital Core Supply Voltage (1.8 V).
40
AVDD
P
Analog Supply Voltage (3.3 V).
31
PVDD
P
PLL Supply Voltage (1.8 V).
34
FB
I
Fast Switch Overlay Input. This pin switches between CVBS and RGB analog signals.
35, 36, 46, 47, 48, 49
AIN1 to AIN6
I
Analog Video Input Channels.
28 to 25, 19 to 12,
8 to 5, 62 to 59
P0 to P19
O
Video Pixel Output Port. Refer to Table 10 for output configuration modes.
1
INT
O
Interrupt. This pin can be active low or active high. When SDP/CP status bits
change, this pin is triggered. The set of events that triggers an interrupt is
under user control.
2
HS/CS
O
HS: Horizontal Synchronization Output Signal (SDP and CP Modes).
CS: Digital Composite Synchronization Signal (CP Mode).
64
VS
O
Vertical Synchronization Output Signal (SDP and CP Modes).
63
FIELD/DE
O
Field Synchronization Output Signal (All Interlaced Video Modes). This pin also
can be enabled as an data enable signal (DE) in CP mode to allow direct
connection to a HDMI/DVI Tx IC.
53
SDATA
I/O
I2C Port Serial Data Input/Output Pin.
54
SCLK
I
I2C Port Serial Clock Input. Maximum clock rate of 400 kHz.
52
ALSB
I
This pin selects the I2C address for the ADV7181C control and VBI readback
ports. ALSB set to Logic 0 sets the address for a write to Control Port 0x40 and
the readback address for VBI Port 0x21. ALSB set to a Logic 1 sets the address
for a write to Control Port 0x42 and the readback address for VBI Port 0x23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com