| Electronic Components Datasheet Search |
|
TS522I Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS522I Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 5 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage ±18 or +36 V Vid Differential Input Voltage - (note 1) ±30 V Vi Input Voltage - (note 1) ±15 V Output Short-Circuit Duration - (note 2) Infinite Toper Operating Free-air Temperature Range -40 to +105 oC Tj Maximum Junction Temperature +150 oC Tstg Storage Temperature -65 to +150 oC Ptot Maximum Power Dissipation - (note 2) 500 mW Notes : 1. Either or both input voltages must not exceed the magnitude of VCC + or VCC- 2. Power dissipation must be considered to ensure maximum junction temperature (Tj) is not exceeded Inverting Input Non-inverting Input V CC Output V CC SCHEMATIC DIAGRAM (1/2 TS522) OPERATING CONDITIONS Symbol Parameter Value Unit VCC Supply Voltage ±2.5 to ±15 V TS522 2/5 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |