Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2553DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2553DBVR
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2553DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2553DBVR Datasheet HTML 9Page - Texas Instruments TPS2553DBVR Datasheet HTML 10Page - Texas Instruments TPS2553DBVR Datasheet HTML 11Page - Texas Instruments TPS2553DBVR Datasheet HTML 12Page - Texas Instruments TPS2553DBVR Datasheet HTML 13Page - Texas Instruments TPS2553DBVR Datasheet HTML 14Page - Texas Instruments TPS2553DBVR Datasheet HTML 15Page - Texas Instruments TPS2553DBVR Datasheet HTML 16Page - Texas Instruments TPS2553DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
APPLICATION INFORMATION
INPUT AND OUTPUT CAPACITANCE
PROGRAMMING THE CURRENT-LIMIT THRESHOLD
0.94
ILIM
0.977
ILIM
1.016
ILIM
22980V
OSmax
R
k
23950V
OSnom
R
k
25230V
OSmin
R
k
I
(mA) =
I
(mA) =
I
(mA) =
W
W
W
(1)
TPS2552
TPS2553, TPS2552-1, TPS2553-1
www.ti.com........................................................................................................................................ SLVS841A – NOVEMBER 2008 – REVISED DECEMBER 2008
Input and output capacitance improves the performance of the device; the actual capacitance should be
optimized for the particular application. For all applications, a 0.1
µF or greater ceramic bypass capacitor between
IN and GND is recommended as close to the device as possible for local noise de-coupling. This precaution
reduces ringing on the input due to power-supply transients. Additional input capacitance may be needed on the
input to reduce voltage overshoot from exceeding the absolute maximum voltage of the device during heavy
transient conditions. This is especially important during bench testing when long, inductive cables are used to
connect the evaluation board to the bench power-supply.
Placing a high-value electrolytic capacitor on the output pin is recommended when large transient currents are
expected on the output. Additionally, bypassing the output with a 0.01
µF to 0.1 µF ceramic capacitor improves
the immunity of the device to transient conditions and noise.
The overcurrent threshold is user programmable via an external resistor. The TPS2552/53 and TPS2552-1/53-1
use an internal regulation loop to provide a regulated voltage on the ILIM pin. The current-limit threshold is
proportional to the current sourced out of ILIM. The recommended 1% resistor range for RILIM is 19.1 kΩ ≤ RILIM ≤
232 k
Ω to ensure stability of the internal regulation loop. Many applications require that the minimum current limit
is above a certain current level or that the maximum current limit is below a certain current level, so it is
important to consider the tolerance of the overcurrent threshold when selecting a value for RILIM. The following
equations and Figure 24 can be used to calculate the resulting overcurrent threshold for a given external resistor
value (RILIM). Figure 24 includes current-limit tolerance due to variations caused by temperature and process.
However, the equations do not account for tolerance due to external resistor variation, so it is important to
account for this tolerance when selecting RILIM. The traces routing the RILIM resistor to the TPS2552/53 and
TPS2552-1/53-1 should be as short as possible to reduce parasitic effects on the current-limit accuracy.
RILIM can be selected to provide a current-limit threshold that occurs 1) above a minimum load current or 2)
below a maximum load current.
To design above a minimum current-limit threshold, find the intersection of RILIM and the maximum desired load
current on the IOS(min) curve and choose a value of RILIM below this value. Programming the current limit above a
minimum threshold is important to ensure start up into full load or heavy capacitive loads. The resulting maximum
current-limit threshold is the intersection of the selected value of RILIM and the IOS(max) curve.
To design below a maximum current-limit threshold, find the intersection of RILIM and the maximum desired load
current on the IOS(max) curve and choose a value of RILIM above this value. Programming the current limit below a
maximum threshold is important to avoid current limiting upstream power supplies causing the input voltage bus
to droop. The resulting minimum current-limit threshold is the intersection of the selected value of RILIM and the
IOS(min) curve.
Current-Limit Threshold Equations (IOS):
where 19.1 k
Ω ≤ RILIM ≤ 232 kΩ.
While the maximum recommended value of RILIM is 232 k
Ω, there is one additional configuration that allows for
a lower current-limit threshold. The ILIM pin may be connected directly to IN to provide a 75 mA (typ) current-limit
threshold. Additional low-ESR ceramic capacitance may be necessary from IN to GND in this configuration to
prevent unwanted noise from coupling into the sensitive ILIM circuitry.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS2552 TPS2553 TPS2552-1 TPS2553-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com