Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM14A0A-R20-R032S Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # EM14A0A-R20-R032S
Description  Rotary Optical Encoder w/Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EM14A0A-R20-R032S Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  EM14A0A-R20-R032S Datasheet HTML 1Page - Bourns Electronic Solutions EM14A0A-R20-R032S Datasheet HTML 2Page - Bourns Electronic Solutions EM14A0A-R20-R032S Datasheet HTML 3Page - Bourns Electronic Solutions EM14A0A-R20-R032S Datasheet HTML 4Page - Bourns Electronic Solutions EM14A0A-R20-R032S Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
EM14 - 14 mm Rotary Optical Encoder w/Switch
Features
Lead free
HCMOS, CMOS and TTL compatible
Compact package size
High rotational cycle life
Standard or high force push switch option
Optional detent
Splashproof shaft seal
Recommended for human/machine
interface applications (HMI)
Cable/connector option
Optional bracket
Electrical Characteristics
Electrical Output ......................................................................................................................................................................................2-bit quadrature code
Resolution ............................................................................................................................................................................8 to 64 pulses per revolution (PPR)
Supply Voltage (VCC) ..................................................................................................................................................................................5.0 VDC ± 0.25 VDC
Supply Current (ICC) ........................................................................................................................................................................................26 mA maximum
Output Voltage
Low (VCE(sat)), per Channel ..........................................................................................................................................800 mV maximum at I(SINK) = 25 mA
High (VO(HI)), per Channel ..........................................................................................................................................4.0 VDC minimum @ VCC = 4.75 VDC
Output Current I(SINK), per Channel ..................................................................................................................................................................25 mA minimum
Rise/Fall Time ........................................................................................................................................................................................................200 ns typical
Power Dissipation..........................................................................................................................................................................................167 mW maximum
Pulse Width (per Channel) ....................................................................................................................................................................................180 °e typical
Phase Angle (Channel A Leads Channel B, Clockwise Rotation) ..........................................................................................................................90 °e ± 45 °e
Insulation Resistance @ 500 VDC ....................................................................................................................................................1,000 megohms minimum
Operating RPM ....................................................................................................................................................................................................120 maximum
Switch Power Rating ............................................................................................................................................12 VDC / 20 mA (600 ohms maximum load)
Switch Contact Resistance ........................................................................................................................................................................200 ohms maximum
Environmental Characteristics
Operating Temperature Range @ 5.0 VDC........................................................................................................................-40 °C to +70 °C (-40 °F to +158 °F)
Storage Temperature Range............................................................................................................................................-55 ºC to +125 ºC (-67 °F to +257 °F)
Vibration ..............................................................................................................................................................................................................................15 G
Shock ..................................................................................................................................................................................................................................50 G
Humidity ......................................................................................................................................................................MIL-STD-202, Method 103, Condition B
Flammability ............................................................................................................................................................................................Conforms to UL 94HB
IP Rating ............................................................................................................................................................................................................................IP 54*
Mechanical Characteristics
Mechanical Angle ............................................................................................................................................................................................360 ° Continuous
Torque
Starting/Running ................................................................................................................................................................1.06 N-cm (1.5 oz.-in.) maximum
Detent ........................................................................................................................................................................................1.2 N-cm (1.7 oz.-in.) typical
Rotational Life
Non-detent (@ 30 RPM)..........................................................................................................................................1,000,000 cycles (2,000,000 revolutions)
With detent (@ 30 RPM) ..............................................................................................................................................100,000 cycles (200,000 revolutions)
Switch Life ..........................................................................................................................................................................................................100,000 cycles
Switch Actuation Force
Standard ..........................................................................................................................................................................................250 gm (8.82 oz.) typical
High Force ....................................................................................................................................................................................850 gm (29.98 oz.) typical
Switch Travel ........................................................................................................................................................................................................0.04 in. typical
Shaft Radial Play ..........................................................................................................................................................................................0.005 in. maximum
Shaft Axial Structural Strength..........................................................................................................................................................................35 lbs. minimum
Mounting Torque ..........................................................................................................................................................................2.0 N-m (18 lb.-in.) maximum
Materials and Finishes
Terminals ........................................................................................................................................................................................................Sn plated PC pins
Soldering Condition
Manual Soldering ....................................................................................................................96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire
370 °C (700 °F) max. for 3 seconds
Wave Soldering ..............................................................................................................................................96.5Sn/3.0Ag/0.5Cu solder with no-clean flux
260 °C (500 °F) max. for 5 seconds
Wash processes ........................................................................................................................................................................................Not recommended
Mounting Hardware
Nut ..............................................................................................................................Black annodized brass, hex (metric)/Nickel-plated brass, hex (SAE)
Lockwasher ............................................................................................................................................................Nickel-plated spring steel, internal tooth
Marking ..................................................................................................Manufacturer’s symbol, model number, product code, terminal style and date code
Standard Packaging ..........................................................................................................................................................Antistatic plastic tube (25 pcs./tube)
*When device is mounted by normal mounting means.


Similar Part No. - EM14A0A-R20-R032S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EM14A0A-B24-L008S BOURNS-EM14A0A-B24-L008S Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
EM14A0A-B24-L016S BOURNS-EM14A0A-B24-L016S Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
EM14A0A-B24-R008S BOURNS-EM14A0A-B24-R008S Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
EM14A0A-B24-R016S BOURNS-EM14A0A-B24-R016S Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
EM14A0A-B28-L008S BOURNS-EM14A0A-B28-L008S Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
More results

Similar Description - EM14A0A-R20-R032S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EM14 BOURNS-EM14 Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
EM14 BOURNS-EM14_10 Datasheet
499Kb / 5P
14 mm Rotary Optical Encoder w/Switch
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
Rotary Optical Encoder
EM14A0D-C24-L032S BOURNS-EM14A0D-C24-L032S Datasheet
504Kb / 5P
EM14 - 14 mm Rotary Optical Encoder w/Switch
ENS1J-B28-L00256L BOURNS-ENS1J-B28-L00256L Datasheet
274Kb / 3P
EN - Rotary Optical Encoder
ENA1J-B28-L00128L BOURNS-ENA1J-B28-L00128L Datasheet
289Kb / 3P
EN - Rotary Optical Encoder
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L_12 Datasheet
274Kb / 3P
Rotary Optical Encoder
EM14R1D-R20 BOURNS-EM14R1D-R20 Datasheet
504Kb / 5P
EM14 - 14 mm Rotary Optical Encoder w/Switch
PEC11D BOURNS-PEC11D Datasheet
535Kb / 3P
PEC11D Series - 12 mm Dual Concentric Rotary Encoder w/Switch
logo
List of Unclassifed Man...
LPD3806-100BM-G5-24C ETC-LPD3806-100BM-G5-24C Datasheet
235Kb / 2P
DIGITAL OPTICAL ROTARY ENCODER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com