Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG411C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG411C/D
Description  Improved, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG411C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG411C/D Datasheet HTML 1Page - Maxim Integrated Products DG411C/D Datasheet HTML 2Page - Maxim Integrated Products DG411C/D Datasheet HTML 3Page - Maxim Integrated Products DG411C/D Datasheet HTML 4Page - Maxim Integrated Products DG411C/D Datasheet HTML 5Page - Maxim Integrated Products DG411C/D Datasheet HTML 6Page - Maxim Integrated Products DG411C/D Datasheet HTML 7Page - Maxim Integrated Products DG411C/D Datasheet HTML 8Page - Maxim Integrated Products DG411C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Improved, Quad,
SPST Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = 15V, V- = -15V, VL = 5V, VGND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Signals on S, D, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum
current rating.
(All Voltages Referenced to V-.)
V+.........................................................................................44V
GND .....................................................................................25V
VL .....................................................(GND -0.3V) to (V+ +0.3V)
Digital Inputs, VS, VD (Note 1)........(V- -2V) to (V+ +2V) or 30mA
(whichever occurs first)
Continuous Current (any terminal) ......................................30mA
Peak Current
(pulsed at 1ms, 10% duty cycle max) ............................100mA
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C) .842mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C) ...696mW
16-Pin CERDIP (derate 10.00mW/°C above +70°C)......800mW
16-Pin TSSOP (derate 6.7mW/°C above +70°C) ...........457mW
16-Pin QFN (derate 19.2mW/°C above +70°C) ...........1538mW
Operating Temperature Ranges
DG41_C_ ..............................................................0°C to +70°C
DG41_D_ ...........................................................-40°C to +85°C
DG41_AK_ .......................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
17
30
A
C, D
-40
40
-10
10
-10
10
-0.25
-0.10
0.25
6
5
A
A
A
TA = TMIN to TMAX
TA = TMIN to TMAX
C, D
C, D
C, D
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to
TMAX
TA = +25°C
TA = TMIN to
TMAX
TA = +25°C
TA = TMIN to
TMAX
TA = +25°C
TA = +25°C
TA = +25°C
V+ = 16.5V,
V- = -16.5V,
VD = ±15.5V,
VS =
15.5V
V+ = 16.5V,
V- = -16.5V,
VD = ±15.5V,
VS =
15.5V
(Note 3)
V+ = 16.5V,
V- = -16.5V,
VD = ±15.5V,
VS =
15.5V
V+ = 15V, V- = -15V,
VD = ±10V,
IS = -10mA
V+ = 13.5V,
V- = -13.5V,
VD = ±8.5V,
IS = -10mA
V+ = 15V, V- = -15V,
VD = ±5V, 0V,
IS = -10mA
CONDITIONS
nA
-20
20
ID(ON)
+
IS(ON)
Drain On-Leakage Current
(Note 7)
-0.4
-0.1
0.4
ID(OFF)
nA
-5
5
Drain Off-Leakage Current
(Note 7)
-5
5
nA
IS(OFF)
Source Off-Leakage Current
(Note 7)
-0.25
-0.10
0.25
Ω
4
rFLAT(ON)
On-Resistance Flatness
(Note 4)
V
-15
15
VANALOG
Analog Signal Range
ΔrDS(ON)
On-Resistance
Match Between Channels
(Note 4)
Ω
3
17
45
Ω
45
rDS(ON)
Drain-Source
On-Resistance
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
C, D, A
C, D, A
C, D, A
SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com