Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1862AB+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1862AB+
Description  XFP Laser Control and Digital Diagnostic IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1862AB+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1862AB+ Datasheet HTML 1Page - Maxim Integrated Products DS1862AB+ Datasheet HTML 2Page - Maxim Integrated Products DS1862AB+ Datasheet HTML 3Page - Maxim Integrated Products DS1862AB+ Datasheet HTML 4Page - Maxim Integrated Products DS1862AB+ Datasheet HTML 5Page - Maxim Integrated Products DS1862AB+ Datasheet HTML 6Page - Maxim Integrated Products DS1862AB+ Datasheet HTML 7Page - Maxim Integrated Products DS1862AB+ Datasheet HTML 8Page - Maxim Integrated Products DS1862AB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
XFP Laser Control and Digital Diagnostic IC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(VCC3 = +2.9V to +5.5V, TA = -40°C to +100°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on Any Open-Drain Pin
Relative to Ground.............................................-0.5V to +6.0V
Voltage Range on MOD-DESEL, SDA, SCL,
FETG, THRSET, TX-D, AUX1MON, AUX2MON,
IBIASMON, RSSI, BIASSET, MODSET,
EN1, EN2............................................-0.5V to (VCC3 + 0.5V)*
Voltage Range on SC-RX-LOS,
SC-RX-LOL, RX-LOS, SC-TX-LOS,
MOD-NR, EN1, EN2 ...........................-0.5V to (VCC2 + 0.5V)*
Operating Temperature Range .........................-40°C to +100°C
EEPROM Programming Temperature Range .........0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature...........................Refer to the IPC JEDEC
J-STD-020 Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Main Supply Voltage
VCC3
(Note 1)
+2.9
+5.5
V
Secondary Supply Voltage
VCC2
VCC2 not to exceed VCC3 (Note 2)
+1.6
+3.6
V
High-Level Input Voltage
(SDA, SCL)
VIH
IIH (max) = 10μA
0.7 x
VCC3
VCC3 +
0.5
V
Low-Level Input Voltage
(SDA, SCL)
VIL
IIL (max) = -10μA
GND -
0.3
0.3 x
VCC3
V
High-Level Input Voltage
(TX-D, MOD-DESEL,
P-DOWN/RST) (Note 3)
VIH
IIH (max) = 10μA
2
VCC3 +
0.3
V
Low-Level Input Voltage
(TX-D, MOD-DESEL,
P-DOWN/RST) (Note 3)
VIL
IIL (max) = -10μA
-0.3
+0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com