Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7882IPFBT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS7882IPFBT Datasheet HTML 14Page - Texas Instruments ADS7882IPFBT Datasheet HTML 15Page - Texas Instruments ADS7882IPFBT Datasheet HTML 16Page - Texas Instruments ADS7882IPFBT Datasheet HTML 17Page - Texas Instruments ADS7882IPFBT Datasheet HTML 18Page - Texas Instruments ADS7882IPFBT Datasheet HTML 19Page - Texas Instruments ADS7882IPFBT Datasheet HTML 20Page - Texas Instruments ADS7882IPFBT Datasheet HTML 21Page - Texas Instruments ADS7882IPFBT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
1024
2048
3072
4096
Code
G019
TA = 25°C
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
f − Frequency − kHz
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
300
600
900
1200
1500
G020
TA = 25°C
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
PRINCIPLES OF OPERATION
REFERENCE
ADS7882
SLAS630 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
INTEGRAL NONLINEARITY
Figure 31.
FFT
Figure 32.
The ADS7882 is a member of a family of high-speed successive approximation register (SAR) analog-to-digital
converters (ADC). The architecture is based on charge redistribution, which inherently includes a sample/hold
function.
The conversion clock is generated internally. The conversion time is 200 ns max (at 5 V +VBD).
The analog input is provided to two input pins: +IN and –IN. (Note that this is pseudo differential input and there
are restrictions on –IN voltage range.) When a conversion is initiated, the difference voltage between these pins
is sampled on the internal capacitor array. While a conversion is in progress, both inputs are disconnected from
any internal function.
The ADS7882 has a built-in 2.5-V (nominal value) reference but can operate with an external reference. When
an internal reference is used, pin 2 (REFOUT) should be connected to pin 1 (REFIN) with an 0.1-
µF decoupling
capacitor and a 1-
µF storage capacitor between pin 2 (REFOUT) and pins 47, 48 (REFM). The internal reference
of the converter is buffered . There is also a buffer from REFIN to CDAC. This buffer provides isolation between
the external reference and the CDAC and also recharges the CDAC during conversion. It is essential to decouple
REFOUT to AGND with a 0.1-
µF capacitor while the device operates with an external reference.
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com