Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3231 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3231
Description  Extremely Accurate I2C-Integrated
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3231 Datasheet HTML 1Page - Maxim Integrated Products DS3231 Datasheet HTML 2Page - Maxim Integrated Products DS3231 Datasheet HTML 3Page - Maxim Integrated Products DS3231 Datasheet HTML 4Page - Maxim Integrated Products DS3231 Datasheet HTML 5Page - Maxim Integrated Products DS3231 Datasheet HTML 6Page - Maxim Integrated Products DS3231 Datasheet HTML 7Page - Maxim Integrated Products DS3231 Datasheet HTML 8Page - Maxim Integrated Products DS3231 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The DS3231 is a low-cost, extremely accurate I2C real-
time clock (RTC) with an integrated temperature-
compensated crystal oscillator (TCXO) and crystal. The
device incorporates a battery input, and maintains accu-
rate timekeeping when main power to the device is inter-
rupted. The integration of the crystal resonator enhances
the long-term accuracy of the device as well as reduces
the piece-part count in a manufacturing line. The DS3231
is available in commercial and industrial temperature
ranges, and is offered in a 16-pin, 300-mil SO package.
The RTC maintains seconds, minutes, hours, day, date,
month, and year information. The date at the end of the
month is automatically adjusted for months with fewer
than 31 days, including corrections for leap year. The
clock operates in either the 24-hour or 12-hour format
with an AM/PM indicator. Two programmable time-of-
day alarms and a programmable square-wave output
are provided. Address and data are transferred serially
through an I2C bidirectional bus.
A precision temperature-compensated voltage refer-
ence and comparator circuit monitors the status of VCC
to detect power failures, to provide a reset output, and
to automatically switch to the backup supply when nec-
essary. Additionally, the RST pin is monitored as a
pushbutton input for generating a µP reset.
Applications
Servers
Utility Power Meters
Telematics
GPS
Features
♦ Accuracy ±2ppm from 0°C to +40°C
♦ Accuracy ±3.5ppm from -40°C to +85°C
♦ Battery Backup Input for Continuous
Timekeeping
♦ Operating Temperature Ranges
Commercial: 0°C to +70°C
Industrial: -40°C to +85°C
♦ Low-Power Consumption
♦ Real-Time Clock Counts Seconds, Minutes,
Hours, Day, Date, Month, and Year with Leap Year
Compensation Valid Up to 2100
♦ Two Time-of-Day Alarms
♦ Programmable Square-Wave Output
♦ Fast (400kHz) I2C Interface
♦ 3.3V Operation
♦ Digital Temp Sensor Output: ±3°C Accuracy
♦ Register for Aging Trim
♦ RST Output/Pushbutton Reset Debounce Input
♦ Underwriters Laboratories (UL®) Recognized
Extremely Accurate I2C-Integrated
RTC/TCXO/Crystal
______________________________________________
Maxim Integrated Products
1
19-5170; Rev 7; 3/10
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
TOP
MARK
DS3231S#
0°C to +70°C 16 SO
DS3231
DS3231SN#
-40°C to +85°C 16 SO
DS3231N
Pin Configuration appears at end of data sheet.
Typical Operating Circuit
#Denotes a RoHS-compliant device that may include lead that
is exempt under RoHS requirements. The lead finish is JESD97
category e3, and is compatible with both lead-based and lead-
free soldering processes. A "#" anywhere on the top mark
denotes a RoHS-compliant device.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
DS3231
VCC
SCL
RPU
RPU = tR/CB
RPU
INT/SQW
32kHz
VBAT
PUSHBUTTON
RESET
SDA
RST
N.C.
N.C.
N.C.
N.C.
VCC
VCC
GND
VCC
μP
N.C.
N.C.
N.C.
N.C.
SCL
SDA
RST
UL is a registered trademark of Underwriters Laboratories, Inc.


Similar Part No. - DS3231

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231 Datasheet
372Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3231 MAXIM-DS3231 Datasheet
378Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3231 MAXIM-DS3231 Datasheet
300Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231 MAXIM-DS3231 Datasheet
297Kb / 20P
Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
More results

Similar Description - DS3231

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
logo
STMicroelectronics
AN2678 STMICROELECTRONICS-AN2678 Datasheet
220Kb / 16P
Extremely accurate timekeeping over
26-Nov-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com