Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS7514 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS7514
Description  PROGRAMMABLE V.23 MODEM WITH DTMF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7514 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS7514 Datasheet HTML 8Page - STMicroelectronics TS7514 Datasheet HTML 9Page - STMicroelectronics TS7514 Datasheet HTML 10Page - STMicroelectronics TS7514 Datasheet HTML 11Page - STMicroelectronics TS7514 Datasheet HTML 12Page - STMicroelectronics TS7514 Datasheet HTML 13Page - STMicroelectronics TS7514 Datasheet HTML 14Page - STMicroelectronics TS7514 Datasheet HTML 15Page - STMicroelectronics TS7514 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
DC AND OPERATING CHARACTERISTICS (continued)
Electrical characteristics are guaranteed over the complete temperature range, with typical load unless
otherwise specified. Typical values are given for : V
+ =+5V, V= -5V and room temperature = 25oC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ANALOG INTERFACE - LINE MONITOR ING (WLO (load conditions , RL = 10k
Ω,CL = 50pF)
VOS
Output Offset Voltage
– 250
+ 250
mV
CL
Load Capacitance
100
pF
RL
Load Resistance
10
k
Vout
Output Voltage Swing
– 1.8
+ 1.8
V
Rout
Output Resistance
15
WLO Attenuation Ratio
70
dB
ANALOG INTERFACE - DUPLEXER (RAI+, RAI-, RA0)
Vin
Input Voltage Range RAI+, RAI–
–2
+2
V
lin
Input Current RAI+, RAI–
–10
+10
µA
Cin
Input Capacitance RAI+, RAI–
10
pF
Voff
Input Offset Voltage RAI+, RAI–
–20
+20
mV
Vout
Output voltage Swing, RA0
CL = 100pF
RL = 600
RL = 300
–1.8
–0.9
+1.8
+0.9
V
V
CL
Load Capacitance RA01
CL = 100pF
100
pF
RL
Load Resistance RA01
300
G
DC voltage Gain in Large Signals, RA01
CL = 100pF, RL = 300
60
dB
CMRR
Common Mode Rejection Ratio, RA01, RA02
60
dB
PSRR
Supply Voltage Rejection Ratio, RA01, RA02
60
dB
Vout
Output Voltage Swing, RA02
CL = 50pF, RL = 10k
–2.5
2.5
pF
CL
Load Capacitance, RA02
50
pF
RL
Load Resistance, RA02
10
k
AVO
DC Voltage Gain in Large Signals, RA02
dB
ANALOG INTERFACE-RECEIVE FILTER OUTPUT (RFO)
Amplifier Limiter Input (RDI)
Vin
Input Voltage Range (RPRF = 1 xxx)
– 2.2
+ 2.2
V
Rin
Input Resistance (RPRF = 1 xxx)
1.5
k
Cin
Input Capacitance (RPRF = 1 xxx)
20
pF
CL
Load Capacitance (RPRF = 1 xxx)
50
pF
RL
Load Resistance
1.5
k
Vout
Output Voltage Swing
CL = 50pF, RL = 1.5k
– 1.8
+ 1.8
V
Rout
Output Resistance
15
DYNAMIC CHARACTERISTICS FOR PROGRAMMING REGISTER ACCESS (see Figures 5 and 6)
tCYC (1)
Cycle Time
600
ns
Pwel (2)
Pulse Width, RTS Low
300
ns
PWeh (3)
Pulse Width, RTS High
300
ns
tr,tf (4)
RTS Rise and Fall Times
50
ns
tHCE (5)
Control Input Holding Time
100
ns
tSCE (6)
Control Input Setup Time
300
ns
tSDI (7)
TxD or PRD Input Setup Time
200
ns
tHDI (8)
TxD or PRD Input Hold Time
100
ns
tWW (9)
TWW Input Writing Inpulsion Width (high level)
300
ns
tBD (10)
TxD Input Setup Time
100
ns
tHD (11)
TxD Input Hold Time
100
ns
TS7514
12/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com