Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76850MPWPREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76850MPWPREP
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76850MPWPREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS76850MPWPREP Datasheet HTML 9Page - Texas Instruments TPS76850MPWPREP Datasheet HTML 10Page - Texas Instruments TPS76850MPWPREP Datasheet HTML 11Page - Texas Instruments TPS76850MPWPREP Datasheet HTML 12Page - Texas Instruments TPS76850MPWPREP Datasheet HTML 13Page - Texas Instruments TPS76850MPWPREP Datasheet HTML 14Page - Texas Instruments TPS76850MPWPREP Datasheet HTML 15Page - Texas Instruments TPS76850MPWPREP Datasheet HTML 16Page - Texas Instruments TPS76850MPWPREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TPS76815EP, TPS76818EP, TPS76825EP, TPS76827EP
TPS76828EP, TPS76830EP TPS76833EP, TPS76850EP, TPS76801EP
FAST TRANSIENT RESPONSE 1A LOW DROPOUT VOLTAGE REGULATORS
SGLS011B − MARCH 2003 − REVISED DECEMBER 2008
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 19
t − Time − ms
TPS76833
OUTPUT VOLTAGE
vs
TIME (AT STARTUP)
3
2
0.3
0.2
0.1
0.4 0.5
0.7
0.6
0.8
0.9
1
0
0
1
4
Co = 10 µF
IO = 1 A
TA = 25°C
Figure 20
VI − Input Voltage − V
600
300
0
34
500
400
200
3.5
2.5
100
4.5
5
900
800
700
TA = 125°C
TA = −40°C
TA = 25°C
IO = 1 A
TPS76801
DROPOUT VOLTAGE
vs
INPUT VOLTAGE
IN
EN
OUT
+
GND
Co
ESR
RL
VI
To Load
Figure 21. Test Circuit for Typical Regions of Stability (Figures 22 through 25) (Fixed Output Options)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com