Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX412BESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX412BESA
Description  Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX412BESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX412BESA Datasheet HTML 1Page - Maxim Integrated Products MAX412BESA Datasheet HTML 2Page - Maxim Integrated Products MAX412BESA Datasheet HTML 3Page - Maxim Integrated Products MAX412BESA Datasheet HTML 4Page - Maxim Integrated Products MAX412BESA Datasheet HTML 5Page - Maxim Integrated Products MAX412BESA Datasheet HTML 6Page - Maxim Integrated Products MAX412BESA Datasheet HTML 7Page - Maxim Integrated Products MAX412BESA Datasheet HTML 8Page - Maxim Integrated Products MAX412BESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Single/Dual/Quad, 28MHz, Low-Noise,
Low-Voltage, Precision Op Amps
4
_______________________________________________________________________________________
Typical Operating Characteristics
(V+ = 5V, V- = -5V, TA = +25°C, unless otherwise noted.)
1
10k
10
100
1k
VOLTAGE-NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
1
10
100
VS =
±5V
TA = +25
°C
1/F CORNER = 90Hz
1
10k
10
100
1k
CURRENT-NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
1
10
VS =
±5V
TA = +25
°C
1/F CORNER = 220Hz
0
10
5
20
15
30
25
35
45
40
50
1.3
1.4
1.5
1.2
1.6
1.7
1.8 1.9
1kHz VOLTAGE NOISE DISTRIBUTION
INPUT-REFERRED VOLTAGE NOISE (nV/
√Hz)
0.1Hz TO 10Hz VOLTAGE NOISE
MAX410-14 toc04
1s/div
100nV/div
(INPUT-REFERRED)
WIDEBAND NOISE DC TO 20kHz
MAX410-14 toc05
0.2ms/div
2
μV/div
(INPUT-REFERRED)
0
40
20
80
60
120
100
140
-60
20
-20
60
100
140
OPEN-LOOP GAIN
vs. TEMPERATURE
TEMPERATURE (°C)
VS =
±5V
RL = 2k
Ω
0
10
20
40
30
50
-60
20
-20
60
100
140
SHORT-CIRCUIT OUTPUT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VS =
±5V
SOURCE
SINK
0
10
9
8
7
6
5
4
3
2
1
-60
20
-20
60
100
140
OUTPUT VOLTAGE SWING
vs. TEMPERATURE
TEMPERATURE (°C)
VS =
±5V
RL = 2k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com