Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68230P Datasheet(PDF) 40 Page - STMicroelectronics

Part # TS68230P
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230P Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TS68230P Datasheet HTML 36Page - STMicroelectronics TS68230P Datasheet HTML 37Page - STMicroelectronics TS68230P Datasheet HTML 38Page - STMicroelectronics TS68230P Datasheet HTML 39Page - STMicroelectronics TS68230P Datasheet HTML 40Page - STMicroelectronics TS68230P Datasheet HTML 41Page - STMicroelectronics TS68230P Datasheet HTML 42Page - STMicroelectronics TS68230P Datasheet HTML 43Page - STMicroelectronics TS68230P Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
Table 4.3 : PCDR Hardware Accesses.
Port C Function
Alternate Function
Operation
PCDDR = 0
PCDDR = 1
PCDDR = 0
PCDDR = 1
Read Port C Data
Register
Pin
Output Register
Pin
Output Register
Write Port C Data
Register
Output Register,
Buffer Disabled
Output Register,
Buffer Enabled
Output Register
Output Register
ta direction register indicates the input or output di-
rection. The port C data register is single buffered for
output pins and non-latched for input pins. These
conditions are summarized in table 4.3.
Note that two additional useful benefits result from
this structure. First, it is possible to directly read the
state of a dual-function pin while used for the non-
port C function. Second, it is possible to generate
program controlled transitions on alternate-function
pins by switching back to the port C function and wri-
ting to the PCDR.
This register is readable and writable at all times and
operation is independent of the chosen PI/T mode.
The port C data register is not affected by the asser-
tion of the RESET pin.
4.7. PORT ALTERNATE REGISTERS
The following paragraphs describe the port alter-
nate registers.
4.7.1. PORT A ALTERNATE REGISTER (PAAR).
The port A alternate register is an alternate register
for reading the port A pins. It is a read-only address
and no other PI/T condition is affected. In all modes,
the instantaneous pin level is read and no input lat-
ching is performed except at the data bus interface.
Writes to this address are answered with DTACK,
but the data is ignored.
4.7.2. PORT B ALTERNATE REGISTER (PBAR).
The port B alternate register is an alternate register
for reading the port B pins. It is a read-only address
and no other PI/T condition is affected. In all modes,
the instantaneous pin level is read and no input lat-
ching is performed except at the data bus interface.
Writes to this address are answered with DTACK,
but the data is ignored.
4.8. PORT STATUS REGISTER (PSR)
The port status register contains information about
handshake pin activity. Bits 7-4 show the instanta-
neous level of the respective handshake pin, and are
independent of the handshake pin sense bits in the
port general control register.
Bits 3-0 are the respective status bits referred to throu-
ghout this document. Their interpretation depends on
the programmed mode/submode of the PI/T. For bits
3-0 a one is the active or asserted state.
4.9. TIMER CONTROL REGISTER (TCR)
The timer control register (TCR) determines all ope-
rations of the timer. Bits 7-5 configure the PC3/TOUT
and PC7/TIACK pins for port C, square wave, vecto-
red interrupt, or autovectored interrupt operation ; bit
4 specifies whether the counter receives data from the
76
5
4
3
2
1
0
H3
Level
H2
Level
H1
Level
H4S
H3S
H2S
H1S
H4
Level
76
5
4
32
1
0
Timer
Enable
TOUT/TIACK
Control
*
Z.D
Control
Clock
Control
TS68230
40/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com