Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2008RGVT Datasheet(PDF) 12 Page - Texas Instruments

Part # TSC2008RGVT
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSC2008RGVT Datasheet HTML 8Page - Texas Instruments TSC2008RGVT Datasheet HTML 9Page - Texas Instruments TSC2008RGVT Datasheet HTML 10Page - Texas Instruments TSC2008RGVT Datasheet HTML 11Page - Texas Instruments TSC2008RGVT Datasheet HTML 12Page - Texas Instruments TSC2008RGVT Datasheet HTML 13Page - Texas Instruments TSC2008RGVT Datasheet HTML 14Page - Texas Instruments TSC2008RGVT Datasheet HTML 15Page - Texas Instruments TSC2008RGVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
TOUCH SCREEN OPERATION
4-WIRE TOUCH SCREEN COORDINATE PAIR MEASUREMENT
ConductiveBar
InsulatingMaterial(Glass)
Silver
Ink
TransparentConductor(ITO)
BottomSide
Transparent
Conductor(ITO)
TopSide
X+
X-
Y+
Y-
ITO=IndiumTinOxide
R
TOUCH
+ RX−plate @
X
Postition
4096
Z
2
Z
1
* 1
(1)
TSC2008
SBAS406A – JUNE 2008 – REVISED DECEMBER 2008 .................................................................................................................................................. www.ti.com
A resistive touch screen operates by applying a voltage across a resistor network and measuring the change in
resistance at a given point on the matrix where the screen is touched by an input (stylus, pen, or finger). The
change in the resistance ratio marks the location on the touch screen.
The TSC2008 supports resistive 4-wire configurations, as shown in Figure 21. The circuit determines location in
two coordinate pair dimensions, although a third dimension can be added for measuring pressure.
A 4-wire touch screen is typically constructed as shown in Figure 21. It consists of two transparent resistive
layers separated by insulating spacers.
Figure 21. 4-Wire Touch Screen Construction
The 4-wire touch screen panel works by applying a voltage across the vertical or horizontal resistive network.
The A/D converter converts the voltage measured at the point where the panel is touched. A measurement of the
Y position of the pointing device is made by connecting the X+ input to a data converter chip, turning on the Y+
and Y– drivers, and digitizing the voltage seen at the X+ input. The voltage measured is determined by the
voltage divider developed at the point of touch. For this measurement, the horizontal panel resistance in the X+
lead does not affect the conversion because of the high input impedance of the A/D converter.
Voltage is then applied to the other axis, and the A/D converter converts the voltage representing the X position
on the screen. This process provides the X and Y coordinates to the associated processor.
Measuring touch pressure (Z) can also be done with the TSC2008. To determine pen or finger touch, the
pressure of the touch must be determined. Generally, it is not necessary to have very high performance for this
test; therefore, 8-bit resolution mode may be sufficient (however, data sheet calculations are shown using 12-bit
resolution mode). There are several different ways of performing this measurement. The TSC2008 supports two
methods. The first method requires knowing the X-plate resistance, the measurement of the X-Position, and two
additional cross panel measurements (Z2 and Z1) of the touch screen (see Figure 22). Equation 1 calculates the
touch resistance:
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com