Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS831 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS831
Description  MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS831 Datasheet(HTML) 1 Page - STMicroelectronics

  TS831 Datasheet HTML 1Page - STMicroelectronics TS831 Datasheet HTML 2Page - STMicroelectronics TS831 Datasheet HTML 3Page - STMicroelectronics TS831 Datasheet HTML 4Page - STMicroelectronics TS831 Datasheet HTML 5Page - STMicroelectronics TS831 Datasheet HTML 6Page - STMicroelectronics TS831 Datasheet HTML 7Page - STMicroelectronics TS831 Datasheet HTML 8Page - STMicroelectronics TS831 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
s ULTRA LOW POWER CONSUMPTION :
12
µA maximum
s PRECISION RESET THRESHOLD
s THRESHOLD VOLTAGE:
4.33V typ. FOR TS831-5
4.50V typ. FOR TS831-4
2.71V typ. FOR TS831-3
s GUARANTEED RESET OPERATION FOR
VCC DOWN TO 1V
s OPEN DRAIN OUTPUT COMPARATOR
s FAST RESPONSE TIME : 20
µs FOR A 10mV
OVERDRIVE
s INTERNAL BUILT-IN HYSTERESIS
s PIN TO PIN COMPATIBLE WITH MC33064
AND MC33164
DESCRIPTION
The TS831 ultra low power integrated circuit incor-
porates a high stability band-gap voltage refer-
ence and a comparator with open drain output.
The threshold voltage is set at 4.33V for TS831-5,
4.5V for TS831-4 and 2.71V for TS831-3 by inter-
nal thermally matched resistances.
The comparator exhibits a 20
µs response (with
10mV overdrive) and has an open drain output ac-
tive when input voltage is lower than the threshold.
An internal hysteresis, 100mV for TS831-4/
TS831-5 and 60mV for TS831-3, increases the
comparator’s noise margin and prevents false re-
set operation.
APPLICATION
s Power-on reset generator for microcontroller
s Power failure detector
ORDER CODE
Z= TO92 Plastic package
D= Small Outline Package (SO) - also available in Tape & Reel (DT)
P= Thin Shrink Small Outline Package (TSSOP) - only available
in Tape & Reel (PT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
DZ
P
TS831-5I
-40, +125
°C
••
TS831-4I
••
TS831-3I
••
D
SO8
(Plastic Micropackage)
P
TSSOP8
(Thin Shrink Small Outline Package)
Z
TO92
(Plastic Package)
TO92
SO8-TSSOP8
TS831
MICROPOWER VOLTAGE SUPERVISOR
RESET ACTIVE LOW
October 2000


Similar Part No. - TS831

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
263Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Nov-2001
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
10-bit 2 Gsps ADC
TS83102G0BCGL ATMEL-TS83102G0BCGL Datasheet
1Mb / 56P
10-bit 2 Gsps ADC
TS83102G0BVGL ATMEL-TS83102G0BVGL Datasheet
1Mb / 56P
10-bit 2 Gsps ADC
logo
Taiwan Semiconductor Co...
TS8314 TSC-TS8314 Datasheet
1Mb / 28P
Bi-directional N-Channel 2.5V Specified MicroSURF?
More results

Similar Description - TS831

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS834 STMICROELECTRONICS-TS834 Datasheet
75Kb / 8P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH WITH INTEGRATED TIMER
Nov-1999
TS836 STMICROELECTRONICS-TS836 Datasheet
73Kb / 8P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
Sep-1998
logo
NXP Semiconductors
NE56631-XX PHILIPS-NE56631-XX Datasheet
107Kb / 11P
Active-LOW system reset
2003 Feb 14
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
Micropower Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
Micropower Supply Voltage Supervisor (SVS)
logo
STMicroelectronics
TS836 STMICROELECTRONICS-TS836_03 Datasheet
240Kb / 10P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
May-2003
TS834 STMICROELECTRONICS-TS834_01 Datasheet
392Kb / 7P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH INTEGRATED TIMER
Jan-2001
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831_01 Datasheet
263Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Nov-2001
logo
Microchip Technology
MIC2774 MICROCHIP-MIC2774 Datasheet
1Mb / 18P
Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com