Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3003 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3003
Description  1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3003 Datasheet HTML 6Page - Maxim Integrated Products MAX3003 Datasheet HTML 7Page - Maxim Integrated Products MAX3003 Datasheet HTML 8Page - Maxim Integrated Products MAX3003 Datasheet HTML 9Page - Maxim Integrated Products MAX3003 Datasheet HTML 10Page - Maxim Integrated Products MAX3003 Datasheet HTML 11Page - Maxim Integrated Products MAX3003 Datasheet HTML 12Page - Maxim Integrated Products MAX3003 Datasheet HTML 13Page - Maxim Integrated Products MAX3003 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
10
______________________________________________________________________________________
Pin Description
PIN
TSSOP
UCSP
TQFN
NAME
FUNCTION
1
B1
19
I/O VL1
Input/Output 1, Referenced to VL
2A1
20
VL
Logic Input Voltage, +1.2V
≤ VL ≤ VCC. Bypass VL to GND with a 0.1µF capacitor.
3
A2
1
I/O VL2
Input/Output 2, Referenced to VL
4
B2
2
I/O VL3
Input/Output 3, Referenced to VL
5
A3
3
I/O VL4
Input/Output 4, Referenced to VL
6
B3
4
I/O VL5
Input/Output 5, Referenced to VL
7
A4
5
I/O VL6
Input/Output 6, Referenced to VL
8
B4
6
I/O VL7
Input/Output 7, Referenced to VL
9
A5
7
I/O VL8
Input/Output 8, Referenced to VL
10
B5
8
EN
Enable Input. If EN is pulled low, I/O VCC1 to I/O VCC8 are in three-state, while I/O VL1
to I/O VL8 have internal 6k
Ω pulldown resistors. Drive EN high (VL) for normal
operation.
11
C5
9
GND
Ground
12
D5
10
I/O VCC8
Input/Output 8, Referenced to VCC
13
C4
11
I/O VCC7
Input/Output 7, Referenced to VCC
14
D4
12
I/O VCC6
Input/Output 6, Referenced to VCC
15
C3
13
I/O VCC5
Input/Output 5, Referenced to VCC
16
D3
14
I/O VCC4
Input/Output 4, Referenced to VCC
17
C2
15
I/O VCC3
Input/Output 3, Referenced to VCC
18
D2
16
I/O VCC2
Input/Output 2, Referenced to VCC
19
D1
17
VCC
VCC Input Voltage, +1.65V
≤ VCC ≤ +5.5V. Bypass VCC to GND with a 0.1µF capacitor.
20
C1
18
I/O VCC1
Input/Output 1, Referenced to VCC
—
—
EP
EP
Exposed Pad. Connect to GND.
MAX3000E/MAX3001E/MAX3002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com