Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28811 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811
Description  LED LIGHTING POWER CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28811 Datasheet(HTML) 18 Page - Texas Instruments

Back Button UCC28811 Datasheet HTML 14Page - Texas Instruments UCC28811 Datasheet HTML 15Page - Texas Instruments UCC28811 Datasheet HTML 16Page - Texas Instruments UCC28811 Datasheet HTML 17Page - Texas Instruments UCC28811 Datasheet HTML 18Page - Texas Instruments UCC28811 Datasheet HTML 19Page - Texas Instruments UCC28811 Datasheet HTML 20Page - Texas Instruments UCC28811 Datasheet HTML 21Page - Texas Instruments UCC28811 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
UCC28810
UCC28811
SLUS865 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
Leading Edge Blanking Circuit on the TZE Pin
At startup, the output voltage reflected to the bias winding is well below the 1.7-V threshold that allows the next
pulse to be triggered by TZE transitioning below 1.4 V. Leakage inductance can occur between the windings
causing a leading edge spike on the TZE pin that could potentially trigger the TZE threshold and start the next
pulse before the output winding current has reached 0 A. If this happens to several pulses in a row, the primary
current continues to increase cycle-by-cycle until the transformer saturates and the MOSFET passes it's safe
operating area and is destroyed. The leading edge blanking circuit shown in Figure 21, consists of a charge
pump, level shift, and timed blanking pulse. When the GDRV output to the MOSFET gate switches high, C19 is
discharged to VDD through D18. When the GDRV output transitions low, the base of Q8 is pulled down, and a
timer consisting of C19 and R31 is started.
For the time allowed, current set by R29 is fed through Q8 to the base of Q7, which pulls the TZE pin to GND.
Because the TZE pin sources current at approximately 0.5 V, a 100-
Ω resistor, R28, is used to limit the current
and to allow C18 to be pulled below the TZE clamp by saturating Q7. When the time expires (approximately 1
µs
in the schematic shown in Figure 21) C18 is charged by R27 to the bias winding voltage. When this voltage
charges above 1.7 V, the PWM latch is ready to be set by the TZE pin falling below 1.4 V, and the leakage
inductance spike has been effectively blanked. When the pulse width is very small, it is possible that the time set
by the blanking circuit is longer than the secondary conduction time. When this happens, the next oscillation of
the winding is detected and the valley causes the main switch to fire. If no falling edge is detected, or the TZE pin
never rises above 1.7 V, then a 400-
µs timer triggers a new pulse.
Figure 21. Leading Edge Blanking Circuit on TZE
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com