Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L10.7MS2 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # L10.7MS2
Description  CERAMIC FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

L10.7MS2 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  L10.7MS2 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical characteristics
Outline and Dimensions
R2
RG
RF
SSG
RG+R1=R2=330 Ohm
C = 10pF
R1
1 2 3
C
L10.7 MA5
280±50
650 (520)
6 (4)
30 (43)
L10.7 MS2
230±50
600 (420)
6 (4)
50 (45)
3dB
Bandwidth
(kHz) min.
Part
Number
20dB
Bandwidth
(kHz) max.
Insertion
Loss
(dB) max.
Response
(dB) min.
(9-12kHz)
7.0±2
7.0±2
0.6±0.1
0.3±0.1
3.0±1
2.5±0.2
2.5±0.2
1
2
3
Connections
1
Input
2
Ground
3Output
5.0±2
Specification
10.64
10.67
10.7
10.73
10.76MHz ±30kHz
DB
A
C
E
(Colour)
Black
Blue
Red
Orange
White
(dB)
L10.7MA5
0
10
20
30
40
10.3 10.5 10.7 10.9 11.1
(dB)
L10.7M52
0
10
20
30
40
10.3 10.5 10.7 10.9 11.1
Frequency (MHz)
Frequency (MHz)
Attenuation characteristics
( ) = typical values
SPECIFICATION
EUROQUARTZ
L10.7 CERAMIC FILTERS
FM use
TEST CIRCUIT
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44(0)1460 230000 Fax: +44(0)1460 230001 Email: sales@euroquartz.co.uk www.euroquartz.co.uk


Similar Part No. - L10.7MS2

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
L10.7MS2A10C ECS-L10.7MS2A10C Datasheet
145Kb / 1P
CERAMIC FILTER
L10.7MS2C ECS-L10.7MS2C Datasheet
145Kb / 1P
CERAMIC FILTER
More results

Similar Description - L10.7MS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFU455B2 ETC-CFU455B2 Datasheet
57Kb / 2P
CERAMIC FILTERS
logo
Murata Manufacturing Co...
SAFC162MC70N MURATA-SAFC162MC70N Datasheet
150Kb / 5P
CERAMIC MICROWAVE FILTERS SAW FILTERS
logo
TOKO, Inc
CFM2 TOKO-CFM2 Datasheet
96Kb / 1P
AM CERAMIC FILTERS
CFMM2 TOKO-CFMM2 Datasheet
118Kb / 1P
AM CERAMIC FILTERS
CFMR TOKO-CFMR Datasheet
95Kb / 1P
AM CERAMIC FILTERS
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
FM CERAMIC FILTERS
logo
EUROQUARTZ limited
LPB-J EUROQUARTZ-LPB-J Datasheet
50Kb / 1P
CERAMIC FILTERS
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
CERAMIC FILTERS
LPU-B EUROQUARTZ-LPU-B Datasheet
53Kb / 1P
CERAMIC FILTERS
LZU450C EUROQUARTZ-LZU450C Datasheet
35Kb / 1P
CERAMIC FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com