Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5500AGAP+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5500AGAP+
Description  Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5500AGAP+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5500AGAP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 9Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 10Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 11Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 12Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 13Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Low-Power, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
10
______________________________________________________________________________________
CS
SCLK
DIN
DOUT
(MODE 1)
MSB FROM
PREVIOUS WRITE
MSB FROM
PREVIOUS WRITE
COMMAND
EXECUTED
9
8
16
1
A0
A1
D0
C1
C0
D11 D10
D9
D6
D5
D4
D3
D2
D1
D8
D7
DOUT
(MODE 0)
A0
A1
D0
A1
C1
C0
D11 D10
D9
D6
D5
D4
D3
D2
D1
D8
D7
A0
A1
D0
A1
C1
C0
D11 D10
D9
D6
D5
D4
D3
D2
D1
D8
D7
DATA PACKET (N)
DATA PACKET (N-1)
DATA PACKET (N)
DATA PACKET (N-1)
DATA PACKET (N)
Figure 5. Serial-Interface Timing Diagram
SCLK
DIN
DOUT
tCSO
tCSS
tCL
tCH
tCP
tDO1
tCSW
tCS1
tDO2
tCSH
tDS
tDH
CS
Figure 6. Detailed Serial-Interface Timing Diagram
Power
-Down Lockout (PDL)
Drive power-down lockout,
PDL, low to disable software
shutdown. When in shutdown, transitioning
PDL from
high to low wakes up the device with the output set to
the state prior to shutdown. Use
PDL to asynchronously
wake up the device.
Daisy Chaining Devices
The MAX5500/MAX5501 can be daisy chained by con-
necting DOUT of one device to DIN of another device
(Figure 7).
Each DOUT output of the MAX5500/MAX5501 includes
an internal active pullup. The sink/source capability of
DOUT determines the time required to discharge/charge
a capacitive load. See the serial-data-out VOH and VOL
specifications in the
Electrical Characteristics.
Figure 8 shows an alternate method of connecting sev-
eral MAX5500/MAX5501 devices. In this configuration,
the data bus is common to all devices. Data is not shift-
ed through a daisy chain. More I/O lines are required in
this configuration because a dedicated chip-select
input (
CS) is required for each IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com