Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS912 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS912
Description  RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS912 Datasheet HTML 2Page - STMicroelectronics TS912 Datasheet HTML 3Page - STMicroelectronics TS912 Datasheet HTML 4Page - STMicroelectronics TS912 Datasheet HTML 5Page - STMicroelectronics TS912 Datasheet HTML 6Page - STMicroelectronics TS912 Datasheet HTML 7Page - STMicroelectronics TS912 Datasheet HTML 8Page - STMicroelectronics TS912 Datasheet HTML 9Page - STMicroelectronics TS912 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TYPICAL CHARACTERISTICS
CC
S UPP LY VOLTAGE, V
(V)
04812
16
T= 25 C
A= 1
V= V
/ 2
amb
VC L
OCC
600
500
400
300
200
100
Figure 1 : Supply Current (each amplifier)
vs Supply Voltage
25
50
75
10 0
125
V
= 10V
V= 5V
No load
CC
i
10 0
10
1
amb
TEMPERATURE, T
( C)
Figure 2 : Input Bias Current vs Temperature
1
14
28
42
56
70
amb
id
T= 25 C
V
= -100mV
V
= +5V
CC
V
= +3V
CC
0
OL
OUTP UT CURRENT, I
(mA)
2
3
4
5
Figure 4a : Low Level Output Voltage vs Low
Level Output Current
2
amb
id
T= 25 C
V
= -100mV
0
V= 1 0V
CC
V
= 16V
CC
OL
O UTPUT CURRENT, I
(mA)
4
6
8
10
14
28
42
56
70
Figure 4b : Low Level Output Voltage vs Low
Level Output Current
5
-70
-56
-42
-28
-14
0
amb
id
T= 25 C
V
= 100mV
V
= +5V
CC
V
= +3 V
CC
4
3
2
1
0
OH
OUTPUT CURRENT, I
(mA)
Figure 3a : High Level Output Voltage vs High
Level Output Current
4
0
V
= +16V
CC
V
= +10V
CC
OH
OUTP UT CURRENT, I
(mA)
12
8
20
16
-70
-56
-42
-28
-14
0
amb
id
T= 25 C
V
= 100mV
Figure 3b : High Level Output Voltage vs High
Level Output Current
TS912
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com