Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS921I Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS921I
Description  RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS921I Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS921I Datasheet HTML 3Page - STMicroelectronics TS921I Datasheet HTML 4Page - STMicroelectronics TS921I Datasheet HTML 5Page - STMicroelectronics TS921I Datasheet HTML 6Page - STMicroelectronics TS921I Datasheet HTML 7Page - STMicroelectronics TS921I Datasheet HTML 8Page - STMicroelectronics TS921I Datasheet HTML 9Page - STMicroelectronics TS921I Datasheet HTML 10Page - STMicroelectronics TS921I Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
012345
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
Output Voltage (V)
Source
Sink
Vcc=0/5V
OUTPUT SHORT CIRCUIT CURRENT vs
OUTPUT VOLTAGE
0
0,5
1
1,5
2
2,5
3
-100
-80
-60
-40
-20
0
20
40
60
80
100
Output Voltage ( V)
Source
Sink
Vcc=0/3V
OUTPUT SHORT CIRCUIT CURRENT vs
OUTPUT VOLTAGE
024
68
10
12
0
1
2
3
Supply Voltage (V)
TOTAL SUPPLY CURRENT vs SUPPLY
VOLTAGE
1 E+02
1E+03
1 E+04
1E+05
1E+06
1 E+07
1E+08
-20
0
20
40
60
-60
0
60
120
180
Fr e que ncy (Hz)
phase
gain
Rl=10k
Cl=100pF
VOLTAGE GAIN AND PHASEvs FREQUENCY
0,01
0,1
1
10
100
0
5
10
15
20
25
30
Freq uen cy (kHz)
Vcc=
±1.5V
Rs=100ohms
EQUIVALENT INPUT NOISE VOLTAGE vs
FREQUENCY
TS921
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com