Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS951 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS951
Description  INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS951 Datasheet(HTML) 1 Page - STMicroelectronics

  TS951 Datasheet HTML 1Page - STMicroelectronics TS951 Datasheet HTML 2Page - STMicroelectronics TS951 Datasheet HTML 3Page - STMicroelectronics TS951 Datasheet HTML 4Page - STMicroelectronics TS951 Datasheet HTML 5Page - STMicroelectronics TS951 Datasheet HTML 6Page - STMicroelectronics TS951 Datasheet HTML 7Page - STMicroelectronics TS951 Datasheet HTML 8Page - STMicroelectronics TS951 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS951
TS952
TS954
INPUT/OUTPUT RAIL TO RAIL
LOW POWER OPERATIONAL AMPLIFIERS
August 1999
PIN CONNECTIONS (top view)
®
.
RAIL TO RAIL INPUT COMMON-MODE
VOLTAGE RANGE
.
RAIL TO RAIL OUTPUT VOLTAGE SWING
.
OPERATING FROM 2.7V to 12V
.
HIGH SPEED (3MHz, 1V/
µs)
.
LOW CONSUMPTION (0.9mA @ 3V)
.
SUPPLY VOLTAGE REJECTION RATIO : 80dB
.
ESD PROTECTION (2kV)
.
LATCH-UP IMMUNITY
.
AVAILABLE IN SOT23-5 MICROPACKAGE
DESCRIPTION
The TS95x family are RAIL TO RAIL BiCMOS
operational amplifiers optimized and fully specified
for 3V and 5V operation.
The TS951 is housed in the space-saving 5 pins
SOT23 package that makes it well suited for bat-
tery-powered systems. This micropackage simpli-
fies the PC board design because of it’s ability to
be placed in tight spaces (outside dimensions are
: 2.8mm x 2.9mm)
APPLICATIONS
.
Set-top boxes
.
Laptop/Notebookcomputers
.
Transformer/Line drivers
.
Personal entertainments (CD players)
.
Portable communication (cell phones, pagers)
.
Instrumentation & sensoring
.
Digital to Analog converter buffers
.
Portable headphone speaker drivers
ORDER CODES
Part
Number
Temperature
Range
Package
SOT23
Marking
ND
P
L
TS951I
-40, +125
oC
••
K101
TS952I
-40, +125
oC
••
•
TS954I
-40, +125
oC
••
•
1
2
3
4
5
6
7
8
-
+
Inverting Input 1
N.C.
Non-inverting Input 1
VDD
VCC
Outp ut 2
N.C .
N.C .
TS951ID
1
2
3
4
5
Inve rting input
Non-inve rting input
Output
VDD
VCC
TS951ILT
1
2
3
45
6
7
8
-
+
-
+
Inverting Input 1
Output 1
Non-inverting Input 1
VDD
VCC
Output 2
Inverting Input 2
Non-inverting Input 2
TS952IN-TS952ID-TS952IPT
Inve rting Input 2
Non-inve rting Input 2
Non-inve rting Input 1
DD
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
Output 3
Output 4
Non-inve rting Input 4
Inve rting Input 4
Non-inve rting Input 3
Inve rting Input 3
-
+
-
+
-
+
-
+
Output 1
Inve rting Input 1
Output 2
TS954IN-TS954ID-TS954IPT
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel
P = Thin Shrink Small Outline Package (TSSOP) - only available
in Tape & Reel (PT)
L = Tiny Package (SOT23-5) - only available in Tape & Reel (LT)
1/13


Similar Part No. - TS951

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS951 STMICROELECTRONICS-TS951 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
TS9511 STMICROELECTRONICS-TS9511 Datasheet
505Kb / 11P
Precision rail-to-rail input/output 3 MHz single operational amplifier
July 2013 Rev 6
TS9511ILT STMICROELECTRONICS-TS9511ILT Datasheet
505Kb / 11P
Precision rail-to-rail input/output 3 MHz single operational amplifier
July 2013 Rev 6
TS9511IYLT STMICROELECTRONICS-TS9511IYLT Datasheet
505Kb / 11P
Precision rail-to-rail input/output 3 MHz single operational amplifier
July 2013 Rev 6
More results

Similar Description - TS951

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
May-2000
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Mar-2000
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
22-May-2007
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
1.8V input/output rail-to-rail Low power operational amplifiers
21-May-2007
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
TS1871 STMICROELECTRONICS-TS1871_08 Datasheet
427Kb / 26P
1.8V input/output rail-to-rail low power operational amplifiers
17-Jan-2008
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
Low cost,low power,input/output rail-to-rail operational amplifiers
18-Jan-2010
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
Low-Power Rail-to-Rail Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com