Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5121E Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  Advance Information
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
Electrical and Thermal Characteristics
MPC5121E/MPC5123 Data Sheet, Rev. 1
Freescale Semiconductor
59
Figure 38. ULPI Timing Diagram
NOTE
Output timing is specified at a nominal 50 pF load.
3.3.13
On-Chip USB PHY
The USB PHY is an USB2.0 compatible PHY integrated on-chip. See Chapter 7 in the USB Specification Rev. 2.0 at
www.usb.org.
3.3.14
SDHC
Figure 39 depicts the timings of the SDHC.
Table 35. Timing Specifications – ULPI
Sym
Description
Min
Max
Units
SpecID
TCK
Clock Period
15
—
ns
A12.1
TSC, TSD Setup time (control in, 8-bit data in)
—
6.0
ns
A12.2
THC, THD Hold time (control in, 8-bit data in)
0.0
-
ns
A12.3
TDC, TDD Output delay (control out, 8-bit data out)
—
9.0
ns
A12.4
Clock
TSC
THC
TSD
THD
TDC
TDC
TDD
Control In
(dir, nxt)
Data In
(8-bit)
Control Out
(stp)
Data Out
(8-bit)
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com