Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5510 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5510 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
Figure 1. MPC5510 Family Block Diagram
e200z1 Core
LEGEND
eSCI
Data Bus
Instruction Bus
Private
Instruction
Bus
Oscillators
VREG
ADC
e200z0 Core
eMIOS200
DSPI
I2C
SIU
FlexCAN
BAM
PIT
ADC
– Analog to Digital Converter modules
BAM
– Boot Assist Module
EBI
– External Bus Interface module
ECC
– Error Correction Code
DSPI
– Serial Peripherals Interface controller module
eDMA
– enhanced Direct Memory Controller module
eMIOS200 – Timed Input Output module
eSCI
– Serial Communications Interface modules
FCU
– Flash Controller Unit
FlexCAN
– Controller Area Network controller modules
FlexRay – Dual Channel FlexRay controller
FMPLL – Frequency Modulated Phase Locked Loop module
I2C
– Inter IC Controller modules
INTC
– Interrupt Controller module
JTAG
– Joint Test Action Group interface
MLB
– Media Local Bus emulation logic
NDI
– Nexus Debug Interface module
PIT
– Periodic Interrupt Timer module
SIU
– System Integration module
VREG
– Voltage Regulator
MPC5510
Integer
Execution
Unit
Instruction
Unit
PPC & VLE
Multiply
Unit
General Purpose
Registers
(32 x 32-bit)
Timers
Branch
Unit
Load/Store
Unit
JTAG
NDI
INTC
FlexRay
General Purpose
Registers
(32 x 32-bit)
Integer
Execution
Unit
Instruction
Unit
VLE
Branch
Unit
Load/Store
Unit
Multiply
Unit
Crossbar Switch (XBAR)
Memory Protection Unit (MPU)
FCU
Flash
(ECC)
SRAM
(ECC)
EBI
RAM
Controller
Peripheral Bridge
FMPLL
eDMA
MLB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com