Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5533MVM80 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC5533MVM80
Description  Microcontroller Data Sheet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5533MVM80 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC5533MVM80 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Electrical Characteristics
MPC5533 Microcontroller Data Sheet, Rev. 0.0
Freescale Semiconductor
35
3.13.5
External Interrupt Timing (IRQ Signals)
7 5
Input signal valid to
CLKOUT positive edge
(setup time)
External bus interface
ADDR[8:31]
DATA[0:15]
RD_WR
TS
TA
tCIS
10.0
—10.0—
10.0
—ns
8 5
CLKOUT positive edge to
input signal invalid (hold
time)
External bus interface
ADDR[8:31]
DATA[0:15]
RD_WR
TS
TA
tCIH
1.0
—1.0
—
1.0
—ns
1 EBI timing specified at V
DDE = 1.6–3.6 V (unless stated otherwise), TA = TL to TH, and CL = 30 pF with DSC = 0b10.
2 The external bus is limited to half the speed of the internal bus.
3 Speed is the nominal maximum frequency. Max speed is the maximum speed allowed including frequency modulation (FM).
42 MHz parts allow for 40 MHz system clock + 2% FM; 68 MHz parts allow for a 66 MHz system clock + 2% FM, and
82 MHz parts allow for 80 MHz system clock + 2% FM.
4 Refer to fast pad timing in Table 17 and Table 18 (different values for 1.8 V and 3.3 V).
5 Available on the 324 package only; not available on the 208 package.
6 EBTS = 0 timings are tested and valid at V
DDE = 2.25–3.6 V only; EBTS = 1 timings are tested and valid at VDDE = 1.6–3.6 V.
Table 23. External Interrupt Timing 1
1 IRQ timing specified at: V
DDEH = 3.0–5.25 V and TA = TL to TH.
Spec
Characteristic
Symbol
Min.
Max.
Unit
1
IRQ pulse-width low
tIPWL
3—
tCYC
2
IRQ pulse-width high
TIPWH
3—
tCYC
3
IRQ edge-to-edge time 2
2 Applies when IRQ signals are configured for rising-edge or falling-edge events, but not both.
tICYC
6—
tCYC
Table 22. External Bus Operation Timing1, 2 (continued)
Spec
Characteristic
and
Description
Symbol
External Bus Frequency 3
Unit
Notes
20 MHz
33 MHz
40 MHz
Min.
Max
Min.
Max
Min.
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com