Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMB Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # TMB
Description  TMB SERIES SYNCHRONOUS TIMING MODULES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

TMB Datasheet(HTML) 1 Page - EUROQUARTZ limited

  TMB Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 1460 230000 Fax: +44 1460 230001 email: info@euroquartz.co.uk web: www.euroquartz.co.uk
SYNCHRONOUS TIMING MODULES
Input Reference Frequency:
8kHz (A & B)*
Output Frequency:
<622.080MHz
Supply Voltage:
+3.3 Volts ±5%
Current Consumption:
120mA minimum
150mA typical
200mA maximum
Acquisition Time:
1 second
Capture/Pull-in Range:
±40ppm
Input Logic:
CMOS
Output Logic Levels
HIGH:
2.2V mon., 2.3V typ., 2.5V max.
LOW:
1.4V min., 1.5V typ., 1.6V max.
Output Capacitance:
10pF
Duty Cycle:
40%60% at 50% level
Rise and Fall Times:
220ps
Free Run Accuracy:
±20ppm maximum
Output Jitter:
1ps RMS,
12kHz to 20MHz bandwidth
Input Jitter Tolerance:
7microseconds
Jitter Filter Band Width:
10Hz max. 3dB loop response
Operating Temperature Range
COMMERCIAL:
0°~+70°C (Code ‘C’)
INDUSTRIAL:
-40°~+85°C (Code ‘I’)
Loss of Reference (LOR) and Loss of Lock (LOL) active alarms.
Two 8kHz reference inputs, CMOS levels.
Custom input frequencies upon request.
Continuous input monitoring of the two external frequencies.
Automatic FREE RUN mode on Loss of Reference (both A&B)
<622.080MHz LVPECL outputs with enable/disable functions
Free-run clock output
+3.3V SMD package, current 150mA.
TMB SERIES SYNCHRONOUS TIMING MODULES
* Custom inputs available.
FEATURES
GENERAL SPECIFICATION
OUTLINES & DIMENSIONS
PART NUMBERS
DESCRIPTION
TMB (Synchronous Timing Module, model B) series parts consists of a PLL
module that generates LVPECL outputs up to 622.080MHz from a low-
jitter VCXO. The module is locked to one of two 8kHz reference inputs,
selectable by the A/B SEL pad. PECL and complimentary PECL outputs can
be disabled by pad 1, the control pad. Pad 12 gives an alarm signal when
‘Loss Of Lock’ or ‘Loss Of Reference’ occurs. The module will enter into
Free Run mode, signaled from pad 9 FR status, when both REF A and REF B
are absent.
Applications include Line Cards and Service Termination Cards for SONET,
SDH, ATM and PDH network equipment.
FUNCTIONAL BLOCK DIAGRAM
8kHz Inputs, LVPECL outputs <622.080MHz
Page 1 of 2
Supply
Voltage
Package
Type
Operating
Temperature
Range
Input
Frequency
Output
Frequency
“3” for +3.3 V
TMB25
“C”=0°~+70°C
“I”=-40°~+85°C
Add “k”
for kHz
Output
Frequency
in MHz
Part numbers are generated according to this scheme:
EXAMPLE:
3TMB25-C-8K-622.080
Representing: +3.3V supply, model TMB (25mm square, 18 pad SMD
package), Commercial operating temperature range, 8kHz input
frequency and output frequency is 622.080MHz
ABSOLUTE MAXIMUM RATINGS
Vcc
Supply Voltage relative to ground
-0.5V to 4.0V
Vin
Input Voltage relative to ground
-0.5V to 5.5V
Tstg
Storage Temperature (Ambient)
-65° to +100°C
Tref
Maximum reflow Temperature
240°C
Symbol
Description
Rating


Similar Part No. - TMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMB ETC-TMB Datasheet
136Kb / 1P
EM Brake
logo
Electronic devices inc.
TMB EDI-TMB Datasheet
66Kb / 2P
These newly developed bridge assemblies are rated for 3-phase operation at 14,24
logo
List of Unclassifed Man...
TMB-0.6 ETC-TMB-0.6 Datasheet
136Kb / 1P
EM Brake
TMB-0.6H ETC-TMB-0.6H Datasheet
129Kb / 1P
EM Brake (with hub)
TMB-0.6HI ETC-TMB-0.6HI Datasheet
126Kb / 1P
EM Brake (with inverted hub)
More results

Similar Description - TMB

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NW50M50LA NDK-NW50M50LA Datasheet
87Kb / 1P
Frequency Timing and Translation Modules
logo
EUROQUARTZ limited
TMA EUROQUARTZ-TMA Datasheet
129Kb / 2P
TMA SERIES SYNCHRONOUS TIMING MODULES
logo
Connor-Winfield Corpora...
STM-S3 CONNOR-WINFIELD-STM-S3 Datasheet
223Kb / 6P
STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
STS-100 CONNOR-WINFIELD-STS-100 Datasheet
194Kb / 8P
Synchronous Timing Module
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
Synchronous Equipment Timing Source
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
Synchronous Equipment Timing Source
logo
u-blox AG
NEO-M8T U-BLOX-NEO-M8T Datasheet
1Mb / 36P
M8 concurrent GNSS timing modules
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com