Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5632MMLQ60 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC5632MMLQ60
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MMLQ60 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC5632MMLQ60 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
73
4.6
Power Management Control (PMC) and Power On Reset (POR)
electrical specifications
Table 14. PMC Operating conditions and external regulators supply voltage
ID
Name
C
Parameter
Min
Typ
Max
Unit
1
Jtemp
SR
— Junction temperature
–40
27
150
°C
2
Vddreg
SR
— PMC 5 V supply voltage VDDREG
4.751
1 During start up operation the minimum required voltage to come out of reset state is 4.6 V.
55.25
V
3
Vdd
SR
— Core supply voltage 1.2 V VDD when external
regulator is used without disabling the internal
regulator (PMC unit turned on, LVI monitor
active)2
2 An internal regulator controller can be used to regulate core supply.
1.263
3 The minimum supply required for the part to exit reset and enter in normal run mode is 1.28 V.
1.3
1.32
V
3a
—
SR
— Core supply voltage 1.2 V VDD when external
regulator is used with a disabled internal
regulator (PMC unit turned-off, LVI monitor
disabled)
1.14
1.2
1.32
V
4
Ivdd
SR
— Voltage regulator core supply maximum DC
output current4
4 The onchip regulator can support a minimum of 400 mA although the worst case core current is 180 mA.
400
—
—
mA
5
Vdd33
SR
— Regulated 3.3 V supply voltage when external
regulator is used without disabling the internal
regulator (PMC unit turned-on, internal 3.3 V
regulator enabled, LVI
monitor active)5
5 An internal regulator can be used to regulate 3.3 V supply.
3.3
3.45
3.6
V
5a
—
SR
— Regulated 3.3 V supply voltage when external
regulator is used with a disabled internal
regulator (PMC unit turned-off, LVI monitor
disabled)
33.3
3.6
V
6
—
SR
— Voltage regulator 3.3 V supply maximum
required DC output current
80
—
—
mA
Table 15. PMC electrical characteristics
ID
Name
C
Parameter
Min
Typ
Max
Unit
Notes
1
Vbg
CC
C Nominal bandgap voltage
reference
—
1.219
—
V
1a
—
CC
P Untrimmed bandgap
reference voltage
Vbg–7%
Vbg
Vbg+6%
V
1b
—
CC
P Trimmed bandgap
reference voltage (5 V,
27 °C)1
Vbg–10mV
Vbg
Vbg+10mV
V
1c
—
CC
C Bandgap reference
temperature variation
—
100
—
ppm
/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com