Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5633MMLQ80 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC5633MMLQ80
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MMLQ80 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC5633MMLQ80 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5633MMLQ80 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5633MMLQ80 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5633MMLQ80 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5633MMLQ80 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5633MMLQ80 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5633MMLQ80 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5633MMLQ80 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5633MMLQ80 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 106 page
background image
eSCI
SCI_A_TX
eMIOS[13]
GPIO[89]
eSCI_A Transmit
eMIOS Ch.
GPIO
PCR[89]
01
10
00
O
O
I/O
VDDEH6a
Slow
– / Up
– / Up
83
100
J14
SCI_A_RX
eMIOS[15]
GPIO[90]
eSCI_A Receive
eMIOS Ch.
GPIO
PCR[90]
01
10
00
I
O
I/O
VDDEH6a
Slow
– / Up
– / Up
82
99
K14
SCI_B_TX
GPIO[91]
eSCI_B Transmit
GPIO
PCR[91]
01
00
I/O
I/O
VDDEH6a
Slow
– / Up
– / Up
72
87
L13
SCI_B_RX
GPIO[92]
eSCI_B Receive
GPIO
PCR[92]
01
00
I
I/O
VDDEH6a
Slow
– / Up
– / Up
69
84
M13
DSPI
DSPI_B_SCK
DSPI_C_PCS[1]
GPIO[102]
DSPI_B Clock
DSPI_C Periph Chip Select
GPIO
PCR[102]
01
10
00
I/O
O
I/O
VDDEH6b
Medium
– / Up
– / Up
89
106
J16
DSPI_B_SIN
DSPI_C_PCS[2]
GPIO[103]
DSPI_B Data Input
DSPI_C Periph Chip Select
GPIO
PCR[103]
01
10
00
I
O
I/O
VDDEH6b
Medium
– / Up
– / Up
95
112
G15
DSPI_B_SOUT
DSPI_C_PCS[5]
GPIO[104]
DSPI_B Data Output
DSPI_C Periph Chip Select
GPIO
PCR[104]
01
10
00
O
O
I/O
VDDEH6b
Medium
– / Up
– / Up
96
113
G13
DSPI_B_PCS[0]
GPIO[105]
DSPI_B Periph Chip Select
GPIO
PCR[105]
01
00
O
I/O
VDDEH6b
Medium
– / Up
– / Up
94
111
G16
DSPI_B_PCS[1]
GPIO[106]
DSPI_B Periph Chip Select
GPIO
PCR[106]
01
00
O
I/O
VDDEH6b
Medium
– / Up
– / Up
92
109
H16
DSPI_B_PCS[2]
DSPI_C_SOUT
GPIO[107]
DSPI_B Periph Chip Select
DSPI_C Data Output
GPIO
PCR[107]
01
10
00
O
O
I/O
VDDEH6b
Medium
– / Up
– / Up
90
107
H15
DSPI_B_PCS[3]
DSPI_C_SIN
GPIO[108]
DSPI_B Periph Chip Select
DSPI_C Data Input
GPIO
PCR[108]
01
10
00
O
I
I/O
VDDEH6b
Medium
– / Up
– / Up
97
114
G14
DSPI_B_PCS[4]
DSPI_C_SCK
GPIO[109]
DSPI_B Periph Chip Select
DSPI_C Clock
GPIO
PCR[109]
01
10
00
O
I/O
I/O
VDDEH6b
Medium
– / Up
– / Up
88
105
H14
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset State5
Function / State
After Reset6
Pin No.
144
LQFP
176
LQFP
208 MAPB
GA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com