Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5633MMLL60 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC5633MMLL60
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MMLL60 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5633MMLL60 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5633MMLL60 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
26
Channels 1, 3, 5 and 6 support modes:
— General Purpose Input/Output (GPIO)
— Single Action Input Capture (SAIC)
— Single Action Output Compare (SAOC)
Channels 2, 4, 11 and 13 support all the modes above plus:
— Output Pulse Width Modulation Buffered (OPWMB)
Channels 0, 8, 9, 10, 12, 14, 15, 23 support all the modes above plus:
— Input Period Measurement (IPM)
— Input Pulse Width Measurement (IPWM)
— Double Action Output Compare (set flag on both matches) (DAOC)
— Modulus Counter Buffered (MCB)
— Output Pulse Width and Frequency Modulation Buffered (OPWFMB)
Three 24-bit wide counter buses
— Counter bus A can be driven by channel 23 or by the eTPU2 and all channels can use it as a reference
— Counter bus B is driven by channel 0 and channels 0 to 6 can use it as a reference
— Counter bus C is driven by channel 8 and channels 8 to 15 can use it as a reference
Shared time bases with the eTPU through the counter buses
Synchronization among internal and external time bases
2.3.13
eTPU2
The eTPU2 is an enhanced co-processor designed for timing control. Operating in parallel with the host CPU, eTPU2 processes
instructions and real-time input events, performs output waveform generation, and accesses shared data without host
intervention. Consequently, for each timer event, the host CPU setup and service times are minimized or eliminated. A powerful
timer subsystem is formed by combining the eTPU2 with its own instruction and data RAM. High-level assembler/compiler
and documentation allows customers to develop their own functions on the eTPU2.
The eTPU2 includes these distinctive features:
The Timer Counter (TCR1), channel logic and digital filters (both channel and the external timer clock input
[TCRCLK]) now have an option to run at full system clock speed or system clock / 2.
Channels support unordered transitions: transition 2 can now be detected before transition 1. Related to this
enhancement, the transition detection latches (TDL1 and TDL2) can now be independently negated by microcode.
A new User Programmable Channel Mode has been added: the blocking, enabling, service request and capture
characteristics of this channel mode can be programmed via microcode.
Microinstructions now provide an option to issue Interrupt and Data Transfer requests selected by channel. They can
also be requested simultaneously at the same instruction.
Channel Flags 0 and 1 can now be tested for branching, in addition to selecting the entry point.
Channel digital filters can be bypassed.
The Timer Counter (TCR1), channel logic and digital filters (both channel and the external timer clock input
[TCRCLK]) now have an option to run at full system clock speed or system clock / 2.
Channels support unordered transitions: transition 2 can now be detected before transition 1. Related to this
enhancement, the transition detection latches (TDL1 and TDL2) can now be independently negated by microcode.
A new User Programmable Channel Mode has been added: the blocking, enabling, service request and capture
characteristics of this channel mode can be programmed via microcode.
Microinstructions now provide an option to issue Interrupt and Data Transfer requests selected by channel. They can
also be requested simultaneously at the same instruction.
Channel Flags 0 and 1 can now be tested for branching, in addition to selecting the entry point.
Channel digital filters can be bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com