Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5634MMLU60 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC5634MMLU60
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MMLU60 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC5634MMLU60 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5634MMLU60 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5634MMLU60 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5634MMLU60 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5634MMLU60 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5634MMLU60 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5634MMLU60 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5634MMLU60 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5634MMLU60 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 106 page
background image
CAL_CS[3]11
CAL_ADDR[11]
Calibration Chip Selects
Calibration Address Bus
PCR[339]
11
10
O
O
VDDE12
Fast
O / High
CAL_CS / High
—
—
—
CAL_DATA[0:9]11
Calibration Data Bus
PCR[341]
I/O
VDDE12
Fast
– / Up
– / Up
—
—
—
CAL_DATA[10:15]11
Calibration Data Bus
PCR[341]
I/O
VDDE12
Fast
– / Up
– / Up
—
—
—
CAL_OE11
Calibration Output Enable
PCR[342]
—
O
VDDE12
Fast
O / High
CAL_OE / High
—
—
—
CAL_RD_WR11
Calibration Read/Write
PCR[342]
—
O
VDDE12
Fast
O / High
CAL_RD_WR
/High
——
—
CAL_TS_ALE11
Calibration Transfer Start
Address Latch Enable
PCR[343]
O
O
VDDE12
Fast
O / High
CAL_TS / High
—
—
—
CAL_WE_BE[0:1]11
Calibration Write Enable
Byte Enable
PCR[342]
—
O
VDDE12
Fast
O / High
CAL_WE /
High
——
—
NEXUS20
EVTI21
eTPU_A[2]
GPIO[231]
Nexus Event In
eTPU A Ch.
GPIO
PCR[231]
01
10
00
I
O
I/O
VDDEH7
Multi-V
– / –
– / –
103
126
P10
EVTO 21
eTPU_A[4]
GPIO[227]
Nexus Event Out
eTPU A Ch.
GPIO
PCR[227]
0122
10
00
O
O
I/O
VDDEH7
Multi-V
I / Up
I / Up
106
129
T10
MCKO21
GPIO[219]
Nexus Msg Clock Out
GPIO
PCR[219]
N/A22
00
O
I/O
VDDEH7
Multi-V
– / –
– / –
99
122
T6
MDO[0]21
eTPU_A[13]
GPIO[220]
Nexus Msg Data Out
eTPU A Ch.
GPIO
PCR[220]
01
10
00
O
O
I/O
VDDEH7
Multi-V
– / –
– / –
110
135
T11
MDO[1]21
eTPU_A[19]
GPIO[221]
Nexus Msg Data Out
eTPU A Ch.
GPIO
PCR[221]
0122
10
00
O
O
I/O
VDDEH7
Multi-V
– / –
– / –
111
136
N11
MDO[2]21
eTPU_A[21]
GPIO[222]
Nexus Msg Data Out
eTPU A Ch.
GPIO
PCR[222]
0122
10
00
O
O
I/O
VDDEH7
Multi-V
– / –
– / –
112
137
P11
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset State5
Function / State
After Reset6
Pin No.
144
LQFP
176
LQFP
208 MAPB
GA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com