Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR03XQ Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPR03XQ
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03XQ Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPR03XQ Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 29Page - Freescale Semiconductor, Inc MPR03XQ Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
MPR03X
Sensors
26
Freescale Semiconductor
Preliminary
A.6
I2C AC Characteristics
This section includes information about I2C AC Characteristics.
Table 23. I2C AC Characteristics
(Typical Operating Circuit,
VDD = 1.71 V to 2.75 V, TA = TMIN to TMAX, unless otherwise noted. Typical current values are at
VDD = 1.8 V, TA = +25°C.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Serial Clock Frequency
fSCL
400
kHz
1
Bus Free Time Between a STOP and a START
Condition
tBUF
1.3
µs
2
Hold Time, (Repeated) START Condition
tHD, STA
0.6
µs
2
Repeated START Condition Setup Time
tSU, STA
0.6
µs
2
STOP Condition Setup Time
tSU, STO
0.6
µs
2
Data Hold Time
tHD, DAT
0.9
µs
2
Data Setup Time
tSU, DAT
100
ns
2
SCL Clock Low Period
tLOW
1.3
µs
2
SCL Clock High Period
tHIGH
0.7
µs
2
Rise Time of Both SDA and SCL Signals,
Receiving
tR
20+0.1
Cb
300
ns
2
Fall Time of Both SDA and SCL Signals,
Receiving
tF
20+0.1
Cb
300
ns
2
Fall Time of SDA Transmitting
tF.TX
20+0.1
Cb
250
ns
2
Pulse Width of Spike Suppressed
tSP
25
ns
2
Capacitive Load for Each Bus Line
Cb
400
pF
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com