Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS944I Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS944I
Description  OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS944I Datasheet(HTML) 5 Page - STMicroelectronics

  TS944I Datasheet HTML 1Page - STMicroelectronics TS944I Datasheet HTML 2Page - STMicroelectronics TS944I Datasheet HTML 3Page - STMicroelectronics TS944I Datasheet HTML 4Page - STMicroelectronics TS944I Datasheet HTML 5Page - STMicroelectronics TS944I Datasheet HTML 6Page - STMicroelectronics TS944I Datasheet HTML 7Page - STMicroelectronics TS944I Datasheet HTML 8Page - STMicroelectronics TS944I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TS941-TS942-TS944
5/14
Input Offset Voltage Drift vs Temperature
-40
-20
0
20
40
60
80
Temperature (
°C)
-500
-400
-300
-200
-100
0
100
200
300
400
Vcc = 3V & 5V
Supply Current/Amplifier vs Supply Voltage
in Overdrive
02
468
10
Supply Voltage (V)
0.0
0.5
1.0
1.5
Vid = - 100mV
Tamb = 25
°C
Vid = + 100mV
Output Short-Circuit Current vs Temperature
-40
-20
0
20
40
60
80
-6
-4
-2
0
2
4
6
Isink, Vcc=3V
Isource,Vcc=3V
Isink, Vcc=5V
Isource, Vcc=5V
Temperature (
°C)
Supply Current/Amplifier vs Supply Voltage
0
2
468
10
Supply Voltage (V)
0.0
0.5
1.0
1.5
2.0
Tamb = 25
°C
Supply Current/Amplifier vs Temperature
-40
-20
0
20
40
60
80
Temperature (
°C)
1.10
1.15
1.20
1.25
1.30
Vcc from 2.6V to 10V
Output Short-Circuit Current vs
Supply Voltage
24
6
8
10
-30
-20
-10
0
10
20
30
Source
Sink
Supply Voltage (V)
Tamb = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com