Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT5.5MB Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # XT5.5MB
Description  CERAMIC TRAP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

XT5.5MB Datasheet(HTML) 1 Page - EUROQUARTZ limited

  XT5.5MB Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XT4.5MB
35(45)
-
50(80)
XT5.5MB
35(45)
-
50(80)
XT6.0MB
35(45))
-
70(120)
XT6.5MB
35(45)
-
70(120)
Trap attenuation
(at nominal carrier frequency)
(dB0 min.
Outline and Dimensions
Part
Number
20dB Bandwidth
(kHz) min.
30dB Bandwidth
(kHz) min.
1k
300
RG
RF
V.M.
1.5pH
SSG
Ground
50
Frequency characteristics
7.0±2
7.0±2
0.6±0.1
0.3±0.1
3.0±1
2.5±0.2
2.5±0.2
1
2
3
Connections
1
Input
2
Ground
3Output
5.0±2
Attenuation
(dB)
Frequency (MHz)
0
10
20
40
4.10
4.25
4.50
4.75
5.00
50
60
( ) = typical values
EUROQUARTZ
XT CERAMIC TRAP
TV SIF Stage
SPECIFICATION
ELECTRICAL CHARACTERISTICS
TEST CIRCUIT
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44(0)1460 230000 Fax: +44(0)1460 230001 Email: sales@euroquartz.co.uk www.euroquartz.co.uk


Similar Part No. - XT5.5MB

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
XT5.5MB ECS-XT5.5MB Datasheet
189Kb / 2P
CERAMIC TRAP
logo
Token Electronics Indus...
XT5.5MB TOKEN-XT5.5MB Datasheet
363Kb / 3P
XT MB Ceramic Trap Filters
XT5.5MBP TOKEN-XT5.5MBP Datasheet
363Kb / 3P
XT MB Ceramic Trap Filters
More results

Similar Description - XT5.5MB

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
XT4.5MB ECS-XT4.5MB Datasheet
189Kb / 2P
CERAMIC TRAP
logo
Vanlong Technology Co.,...
XT_M VANLONG-XT_M Datasheet
22Kb / 1P
Ceramic Trap
logo
Oscilent Corporation
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
Ceramic Trap For TV/VCR
754-4.47M OSCILENT-754-4.47M Datasheet
132Kb / 2P
Ceramic Trap Double/Triple Peak
751-0035 OSCILENT-751-0035 Datasheet
141Kb / 2P
Ceramic XT Trap For TV/VCR
logo
TOKO, Inc
TP98-A0-001C TOKO-TP98-A0-001C Datasheet
135Kb / 1P
Ceramic Trap
logo
Token Electronics Indus...
XT3.58MB TOKEN-XT3.58MB Datasheet
363Kb / 3P
XT MB Ceramic Trap Filters
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
Transko Electronics, In...
XTM TRANSKO-XTM Datasheet
368Kb / 1P
CERAMIC TRAP (3pins type)
Rev. 1: Jul. 2014
XTMJ TRANSKO-XTMJ Datasheet
375Kb / 1P
CERAMIC TRAP (2pin type)
Rev. 1: Jul. 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com