Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS944BI Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS944BI
Description  OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS944BI Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS944BI Datasheet HTML 2Page - STMicroelectronics TS944BI Datasheet HTML 3Page - STMicroelectronics TS944BI Datasheet HTML 4Page - STMicroelectronics TS944BI Datasheet HTML 5Page - STMicroelectronics TS944BI Datasheet HTML 6Page - STMicroelectronics TS944BI Datasheet HTML 7Page - STMicroelectronics TS944BI Datasheet HTML 8Page - STMicroelectronics TS944BI Datasheet HTML 9Page - STMicroelectronics TS944BI Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TS941-TS942-TS944
6/14
Output Short-circuit Current vs
Output Voltage
Output Voltage (V)
0
1
2
3
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
Vcc = 2.6V
T = +85
°C
Source
Sink
T = -40
°C
T = -40
°C
T= +25
°C
T = +25
°C
T = +25
°C
T = +85
°C
Output Short-circuit Current vs
Output Voltage
Output Voltage (V)
01
2345
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Vcc = 5V
T = -40
°C
T = +85
°C
Source
Sink
T = -40
°C
T = +25
°C
T = +25
°C
T = +85
°C
24
6
8
10
1
10
100
1,000
Supply Voltage (V)
RL tied to Vdd
Single Supply
Vid = +100mV
RL=10k ohm
RL=100k ohm
RL=1M ohm
High Level Output Voltage vs Supply Voltage
Output Voltage (V)
01
2
-3.0
-2.0
-1.0
0.0
1.0
2.0
Vcc = 3V
T = -40
°C
T = +85
°C
Source
Sink
T = -40
°C
T = +25
°C
T = +25
°C
T= +85
°C
Output Short-circuit Current vs
Output Voltage
3
Output Short-circuit Current vs
Output Voltage
Output Voltage (V)
024
68
10
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
Vcc = 10V
T = -40
°C
T = +85
°C
Source
Sink
T = -40
°C
T = +25
°C
T = +25
°C
T = +85
°C
Low Level Output Voltage vs Supply Voltage
24
6
8
10
1
10
100
1,000
Supply Voltage (V)
RL tied to Vcc
Single Supply
Vid = -100mV
RL=10k ohm
RL=100 ohm
RL=1M ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com