Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH110 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH110
Description  WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH110 Datasheet(HTML) 2 Page - STMicroelectronics

  TSH110 Datasheet HTML 1Page - STMicroelectronics TSH110 Datasheet HTML 2Page - STMicroelectronics TSH110 Datasheet HTML 3Page - STMicroelectronics TSH110 Datasheet HTML 4Page - STMicroelectronics TSH110 Datasheet HTML 5Page - STMicroelectronics TSH110 Datasheet HTML 6Page - STMicroelectronics TSH110 Datasheet HTML 7Page - STMicroelectronics TSH110 Datasheet HTML 8Page - STMicroelectronics TSH110 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TSH110-TSH111-TSH112-TSH113-TSH114
2/19
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
ORDER CODES
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
P = Thin Shrink Small Outline Package (TSSOP) - only available in Tape & Reel (PT)
L = Tiny Package (SOT23-5) - only available in Tape & Reel (LT)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage 1)
14
V
Vid
Differential Input Voltage 2)
±1
V
Vi
Input Voltage 3)
±6
V
Toper
Operating Free Air Temperature Range
-40 to +85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthjc
Thermal resistance junction to case
°C/W
SOT23-5
80
SO8
28
SO14
22
TSSOP8
37
TSSOP14
32
Rthja
Thermal resistance junction to ambiante area
°C/W
SOT23-5
250
SO8
157
SO14
125
TSSOP8
130
TSSOP14
110
ESD
Human Body Model
2.0
kV
Machine Model
0.2
Charged Device Model
1.5
ouput short circuit duration 4)
1. All voltages values, except differential voltage are with respect to network ground terminal
2. Differential voltages are non-inverting input terminal with respect to the inverting terminal
3. The magnitude of input and output must never exceed VCC +0.3V
4. Short-circuits can cause excessive heating. Destructive dissipation can result.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
5 to 12
V
Vicm
Common Mode Input Voltage Range
VCC-+1.5 to VCC+-1.5
V
Type
Temperature
Package
TSH110ILT (code K302)
-40° to +85°C
SOT23-5
TSH111ID
SO8
TSH111IDT
SO8
TSH111IPT
TSSOP8
TSH112ID
SO8
TSH112IDT
SO8
TSH112IPT
TSSOP8
TSH113ID
SO14
TSH113IDT
SO14
TSH113IPT
TSSOP14
TSH114ID
SO14
TSH114IDT
SO14
TSH114IPT
TSSOP14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com