Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH511 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSH511
Description  HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSH511 Datasheet HTML 10Page - STMicroelectronics TSH511 Datasheet HTML 11Page - STMicroelectronics TSH511 Datasheet HTML 12Page - STMicroelectronics TSH511 Datasheet HTML 13Page - STMicroelectronics TSH511 Datasheet HTML 14Page - STMicroelectronics TSH511 Datasheet HTML 15Page - STMicroelectronics TSH511 Datasheet HTML 16Page - STMicroelectronics TSH511 Datasheet HTML 17Page - STMicroelectronics TSH511 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
TSH511
16/18
The comparator and the CMUTE capacitor gener-
ate the fade-in and fade-out control ramps for the
audio buffers. The Squelch has been designed
with particular attention to avoid audio pop-noise.
Figure 6 : Squelch schematic
The squelch section is driven by the receiver RX1
but controls both audio buffers.
Audio Buffer sections
The audio signal from a FM demodulator enters
into the 6dB/octave low-pass filter for de-empha-
sis. 50µs and 75µs are standard de-emphasis val-
ues.
After the de-emphasis network, the potentiometer
controls the volume.
The Rail-to-Rail output stage of each Audio Buffer
is able to drive 20 mW into 16
at 2.3V supply
voltage. In this condition, the distortion is typically
0.3% before saturation.
The Audio Buffers can also drive the other usual
impedances used in audio: 32
, 600and 10k
(see the corresponding distorsion curves).
The high input impedances of the Audio Buffers
reduce the coupling capacitors to less than 0.1 µF
allowing space and cost saving.
Standby section
Depending on the states of the logic inputs SBY1
and SBY2, RX2 and the Audio Buffer2 can be
disabled separately. The TSH511 receiver can
adapt to different applications by using SBY1 &
SBY2 standby pins:
In the standard stereo mode, the configuration is:
SBY1 = SBY2 = ’Low’
In mono mode with one load(example: a single
loadspeaker), RX2 and Audio Buffer 2 are
disabled, the configuration is SBY1 = SBY2 =
’High’.
In mono mode with a stereo load (example: a
stereo headphone), the configuration is SBY1 =
’high’, SBY2 = ’Low’.
A pin connected to Vcc is at ’High’ state, and if
connected to GND is at ’Low’ state.
SBY1
pin 32
SBY2
pin 31
RX1 &
audio
buffer1
RX2
audio
buffer 2
typical
use
Low
Low
ON
ON
ON
stereo
Low
High
High
Low
ON
OFF
ON
mono on
the two
outputs
High
High
ON
OFF
OFF
mono on
one out-
put



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com