Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F304 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # F304
Description  Totalizers electromechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

F304 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  F304 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG F304 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG F304 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG F304 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Totalizers electromechanic
3
www.baumerivo.com
www.baumerivo.com
F 304, F 314, F 324, F 364
Impulse counters adding, modular system
Display 6- or 8-digits, with/without reset button
Part number
F 304.
Display
C 8-digits 99 999 999
B 6-digits 999 999
Voltage
A3 24 VDC
A5 24 VAC
A8 110 VAC
A9 230 VAC
Reset
800B
Without reset button
650A
With reset button
F 314.
Display
C 8-digits 99 999 999
B 6-digits 999 999
Voltage
A3 24 VDC
A5 24 VAC
A8 110 VAC
A9 230 VAC
Reset
800B
Without reset button
650A
With reset button
F 324.
Display
C 8-digits 99 999 999
B 6-digits 999 999
Voltage
A3 24 VDC
A5 24 VAC
A8 110 VAC
A9 230 VAC
Reset
800B
Without reset button
650A
With reset button
F 364. 650A
B
Display
B 6-digits 999 999
Voltage
A3 24 VDC
A5 24 VAC
A8 110 VAC
A9 230 VAC
Reset
650A With reset button
Socket box
Front panel with screw mount
Front panel with spring clips mount
Front panel with screw mount



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com