Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5702CEMLQ Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # SPC5702CEMLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5702CEMLQ Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  SPC5702CEMLQ Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5702CEMLQ Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5702CEMLQ Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5702CEMLQ Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5702CEMLQ Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5702CEMLQ Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5702CEMLQ Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5702CEMLQ Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5702CEMLQ Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5606S
Rev. 1, 10/2008
© Freescale Semiconductor, Inc., 2008. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5606S
TBD
MAPBGA–225
15 mm x 15 mm
QFN12
##_mm_x_##mm
SOT-343R
##_mm_x_##mm
PKG-TBD
## mm x ## mm
LQFP–144
20 mm x 20 mm
LQFP–176
24 mm x 24 mm
32-bit MCU for cluster applications with stepper motor, TFT
graphic controller and LCD driver
The MPC5606S family of devices is designed to enable the development of automotive instrument cluster applications by
providing a single-chip solution capable of hosting real-time applications and driving a TFT display directly using an on-chip
color TFT display controller.
MPC5606S devices incorporate a cost-efficient host processor core compliant with the Power Architecture™ embedded
category. The processor is 100% user-mode compatible with the original PowerPC user instruction set architecture (UISA) and
capitalizes on the available development infrastructure of current Power ArchitectureTM devices with full support from
available software drivers, operating systems and configuration code to assist with users' implementations.
Offering high performance processing at speeds up to 64 MHz, the MPC5606S family is optimized for low power consumption
and supports a range of on-chip SRAM and internal flash memories. The 1 MB flash version (MPC5606S) features 160 KB of
on-chip graphics SRAM.
Refer to Table 1 for specific memory and feature sets of the product family members.
This document describes the features of the MPC5606S family of microcontrollers and highlights important electrical and
physical characteristics of the devices. For functional characteristics, refer to the MPC5606S Microcontroller Reference
Manual.
MPC560xS Microcontroller
Data Sheet


Similar Part No. - SPC5702CEMLQ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPC5705BECLLR FREESCALE-SPC5705BECLLR Datasheet
1Mb / 92P
Microcontroller
SPC5705BECLQR FREESCALE-SPC5705BECLQR Datasheet
1Mb / 92P
Microcontroller
SPC5705BECLUR FREESCALE-SPC5705BECLUR Datasheet
1Mb / 92P
Microcontroller
SPC5705BEMLLR FREESCALE-SPC5705BEMLLR Datasheet
1Mb / 92P
Microcontroller
SPC5705BEMLQR FREESCALE-SPC5705BEMLQR Datasheet
1Mb / 92P
Microcontroller
More results

Similar Description - SPC5702CEMLQ

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com