Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH512 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH512
Description  HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH512 Datasheet HTML 5Page - STMicroelectronics TSH512 Datasheet HTML 6Page - STMicroelectronics TSH512 Datasheet HTML 7Page - STMicroelectronics TSH512 Datasheet HTML 8Page - STMicroelectronics TSH512 Datasheet HTML 9Page - STMicroelectronics TSH512 Datasheet HTML 10Page - STMicroelectronics TSH512 Datasheet HTML 11Page - STMicroelectronics TSH512 Datasheet HTML 12Page - STMicroelectronics TSH512 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TSH512
9/19
ZLVCO-OUT
min
Minimum Load Impedance
1
k
VVCO-OUT
VCO Output Level
L= 120µH (Q=30),
VCO ouput connected to
Output Buffer input,
RVCO = 100K
0.58
0.62
0.66
Vpp
Output Buffer
ZBUF-IN
Input Impedance
(BUF-IN1 pin24 or BUF-IN2 pin32)
400
k
GOB
Linear Voltage Gain
10
dB
VBUF-OUT
AC
Output AC voltage at 1dB compression
point
Output AC voltage (BUF-OUT1 pin 25
or BUF-OUT2 pin 31)
ZL=2kΩ
ZL=2kΩ
VBUF-IN = 0.60Vpp
1.35
1.3
1.5
1.7
Vpp
VBUF-OUT
DC
Output DC voltage
DC Output current=
0.4 mA
1.25
VDC
H2BUF-OUT 2nd Harmonic Level
VBUF-OUT =1.2Vpp and
ZL=2kΩ
-40
dBc
H3BUF-OUT 3rd Harmonic Level
VBUF-OUT =1.2Vpp and
ZL=2kΩ
-30
dBc
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com