Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS218 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # FS218
Description  Preset counters electromechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

FS218 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  FS218 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG FS218 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG FS218 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG FS218 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Preset counters electromechanic
1
www.baumerivo.com
www.baumerivo.com
FS218 - Front panel with screw mount
Features
Large pulse counter with one preset
Subtracting
Display 5-digits
Manual and electric reset
Technical data - electrical ratings
Voltage supply
24/110 VAC ±10 % (50/60 Hz)
230 VAC +6/-10 % (50/60 Hz)
24 VDC ±10 %
Ripple residue
<48 %
Nominal frequency
50 / 60 Hz
Pulse ratio
1:1
Service life
100 million impulses
Electric reset operations:
Approx. 1 million
Preset
1 preset
Output contact
Change-over contact by micro-
switch, one-pole
Switching voltage
230 VAC / VDC
Switching current
2 A (VAC)
1 A (VDC)
Switching capacity
100 VA / 30 W
Limit switch service life
1 million switching cycles
Spark extinguisher
Recommended for inductive
load
Standard
DIN EN 61010-1
Protection class II
Overvoltage category II
Pollution degree 2
Emitted interference
DIN EN 61000-6-3
Interference immunity
DIN EN 61000-6-2
Approval
CE conform
FS218, FS219
Technical data - mechanical design
Display
White numbers on black
Number of digits
5-digits
Digit height
8 mm
Count mode
1 impulse = 1 count
Step-by-step switching
Subtracting in 2 half steps
Measuring range
99 999
Operating temperature
0...+60 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
Protection DIN EN 60529 IP 41
Housing type
Built-in housing
E-connection
Plug-in terminal connector,
10-pin
Mounting
Front panel with 4 screws
Dimensions W x H x L
144 x 72 x 129 mm
Cutout dimensions
113 x 61 mm (+0.5)
Installation depth
129 mm
Material
Housing: Hostaform POM, black
FS218
Reset
Manual by button to preset
Weight approx.
650 g
FS219
Reset
Manual by button and electric
reset to preset
Weight approx.
850 g
1 preset, subtracting
Display 5 digits, manual/electric reset


Similar Part No. - FS218

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FS210 FEELING-FS210 Datasheet
347Kb / 13P
Fig 5 is the example of typical application circuit
logo
TT Electronics.
FS210 TTELEC-FS210 Datasheet
1Mb / 40P
FlexSense® I-Series Programmable Incremental Encoder
Rev C, 4/27/2023
logo
Agilent(Hewlett-Packard...
FS2100 HP-FS2100 Datasheet
371Kb / 48P
LOCAL BUS
FS2101 HP-FS2101 Datasheet
371Kb / 48P
LOCAL BUS
logo
Feeling Technology Corp...
FS211F FEELING-FS211F Datasheet
128Kb / 13P
2 PHASE DC MOTOR DRIVE IC
More results

Similar Description - FS218

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
FE504 IVO-FE504 Datasheet
525Kb / 4P
Preset counters electromechanic
FS304 IVO-FS304 Datasheet
507Kb / 4P
Preset counters electromechanic
FS309 IVO-FS309 Datasheet
515Kb / 4P
Preset counters electromechanic
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
Preset counters mechanic
ME282PTB IVO-ME282PTB Datasheet
312Kb / 2P
Preset counters mechanic
NE134 IVO-NE134 Datasheet
428Kb / 2P
Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
Preset counters electronic
NE212 IVO-NE212 Datasheet
565Kb / 4P
Preset counters electronic
NE214 IVO-NE214 Datasheet
458Kb / 2P
Preset counters electronic
NE218 IVO-NE218 Datasheet
451Kb / 2P
Preset counters electronic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com