Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP69 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BCP69
Description  20 V, 1 A PNP medium power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP69 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BCP69 Datasheet HTML 5Page - NXP Semiconductors BCP69 Datasheet HTML 6Page - NXP Semiconductors BCP69 Datasheet HTML 7Page - NXP Semiconductors BCP69 Datasheet HTML 8Page - NXP Semiconductors BCP69 Datasheet HTML 9Page - NXP Semiconductors BCP69 Datasheet HTML 10Page - NXP Semiconductors BCP69 Datasheet HTML 11Page - NXP Semiconductors BCP69 Datasheet HTML 12Page - NXP Semiconductors BCP69 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BCP69_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 2 December 2008
11 of 13
NXP Semiconductors
BCP69
20 V, 1 A PNP medium power transistor
11. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BCP69_6
20081202
Product data sheet
-
BCP69_5
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Table 1 “Product overview”: enhanced
• Table 4 “Ordering information”: enhanced
• Figure 2, 4 and 8: updated
• Figure 11: superseded by minimized package outline drawing
• Section 9 “Packing information”: added
• Section 10 “Soldering”: enhanced
• Section 12 “Legal information”: updated
BCP69_5
20031125
Product specification
-
BCP69_4
BCP69_4
20021115
Product specification
-
BCP69_3
BCP69_3
19990408
Product specification
-
BCP69_CNV_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com