Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC847C
Description  45 V, 100 mA NPN general-purpose transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847C Datasheet(HTML) 2 Page - NXP Semiconductors

  BC847C Datasheet HTML 1Page - NXP Semiconductors BC847C Datasheet HTML 2Page - NXP Semiconductors BC847C Datasheet HTML 3Page - NXP Semiconductors BC847C Datasheet HTML 4Page - NXP Semiconductors BC847C Datasheet HTML 5Page - NXP Semiconductors BC847C Datasheet HTML 6Page - NXP Semiconductors BC847C Datasheet HTML 7Page - NXP Semiconductors BC847C Datasheet HTML 8Page - NXP Semiconductors BC847C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BC847_BC547_SER_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 10 December 2008
2 of 15
NXP Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
1.2 Features
I Low current
I Low voltage
I Three different gain selections
1.3 Applications
I General-purpose switching and amplification
1.4 Quick reference data
2.
Pinning information
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
45
V
IC
collector current
-
-
100
mA
hFE
DC current gain
VCE =5V; IC = 2 mA
110
-
800
hFE group A
110
180
220
hFE group B
200
290
450
hFE group C
420
520
800
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
SOT23, SOT323, SOT416
1
base
2
emitter
3
collector
SOT883
1
base
2
emitter
3
collector
006aaa144
12
3
sym021
3
2
1
3
1
2
Transparent
top view
sym021
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com